Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR-T64F Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LR-T64F
Description  black PLCC-2 package, colorless resin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-T64F Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LR-T64F Datasheet HTML 8Page - OSRAM GmbH LR-T64F Datasheet HTML 9Page - OSRAM GmbH LR-T64F Datasheet HTML 10Page - OSRAM GmbH LR-T64F Datasheet HTML 11Page - OSRAM GmbH LR-T64F Datasheet HTML 12Page - OSRAM GmbH LR-T64F Datasheet HTML 13Page - OSRAM GmbH LR-T64F Datasheet HTML 14Page - OSRAM GmbH LR-T64F Datasheet HTML 15Page - OSRAM GmbH LR-T64F Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
2016-11-03
12
Version 2.5 (OS-PCN-2016-025-A)
LR T64F
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
temp. ambient
temp. solder point
0
0
20
40
A
S
T
T
˚C
60
80
100
T
IF
mA
S
T
OHL03044
TA
10
20
30
40
50
60
0
-5
F
I
A
tp
s
OHL03045
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.02
0.04
0.06
0.08
0.10
0.12
D
P
t
P
=
T
t
T
IF
0.02
0.05
0.1
0.005
0.01
D =
0.2
0.5
1
0
-5
F
I
A
tp
s
OHL03045
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.02
0.04
0.06
0.08
0.10
0.12
D
P
t
P
=
T
t
T
IF
0.02
0.05
0.1
0.005
0.01
D =
0.2
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com