Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS-L296 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # LS-L296
Description  SMT package 0603, colorless diffused resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LS-L296 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button LS-L296 Datasheet HTML 11Page - OSRAM GmbH LS-L296 Datasheet HTML 12Page - OSRAM GmbH LS-L296 Datasheet HTML 13Page - OSRAM GmbH LS-L296 Datasheet HTML 14Page - OSRAM GmbH LS-L296 Datasheet HTML 15Page - OSRAM GmbH LS-L296 Datasheet HTML 16Page - OSRAM GmbH LS-L296 Datasheet HTML 17Page - OSRAM GmbH LS-L296 Datasheet HTML 18Page - OSRAM GmbH LS-L296 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Version 1.0 (Replacement in due course)
LS L296
2012-10-01
15
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
o
ist
u
re
L
ev
e
l 3
F
lo
or
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
Le
ve
l 6
F
lo
o
r tim
e
6
H
o
ur
s
a
)
H
u
m
idit
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
ad
a
t 2
3
˚C
±
5
˚C,
o
r
re
flo
w
, v
a
p
or-
p
h
as
e
ref
lo
w
, o
r
e
q
u
iv
a
le
nt
p
roc
es
s
in
g
(p
e
a
k
p
a
c
k
ag
e
2
. A
fte
r t
h
is
ba
g
is
o
p
en
e
d
,
de
v
ic
e
s
th
a
t
w
ill
b
e
s
u
b
je
c
ted
to
in
fra
re
d
1.
S
h
e
lf
li
fe
i
n
s
ea
le
d
ba
g
:
2
4
m
on
ths
at
<
4
0
˚
C
a
n
d
<
9
0
%
re
lat
ive
hu
m
id
ity
(R
H
).
M
o
is
tu
re
L
e
v
e
l 5
a
at
f
ac
tor
y
c
o
nd
iti
on
s
of
(if
b
lan
k
, s
e
a
l
da
te
is
id
e
n
ti
c
al
w
ith
d
a
te
c
o
d
e).
a
) M
o
un
ted
w
ith
in
b)
S
to
re
d
a
t
bo
d
y
t
e
m
p
.
3
.
D
e
v
ic
es
re
q
u
ir
e
ba
k
in
g,
b
e
fo
re
m
ou
n
tin
g
, if:
B
a
g
s
e
a
l
d
at
e
M
o
is
tu
re
L
e
ve
l 1
M
o
is
tu
re
L
e
ve
l 2
M
o
is
tu
re
L
e
v
e
l
2
a
4.
I
f b
a
k
in
g
is
re
q
u
ire
d
,
b
)
2
a
or
2
b
is
n
o
t
m
et
.
D
at
e
a
nd
tim
e
op
e
n
ed
:
ref
e
re
n
c
e
IP
C
/JE
D
E
C
J
-S
T
D
-0
3
3
fo
r b
a
k
e
p
roc
e
d
u
re.
F
loo
r t
im
e
s
ee
be
low
If
b
la
nk
, s
e
e
b
a
r c
o
d
e
la
b
e
l
F
lo
o
r
ti
m
e
>
1
Y
e
a
r
F
lo
o
r t
im
e
1
Y
ea
r
F
lo
or
t
im
e
4
W
e
e
k
s
1
0%
R
H
.
_
<
M
oi
s
tu
re
L
e
v
el
4
M
ois
tu
re
L
e
v
e
l
5
˚C
).
O
P
T
O
S
EM
IC
O
N
D
U
CT
O
R
S
M
O
IS
TU
R
E
S
E
N
S
IT
IV
E
Th
is
b
ag
co
nta
in
s
C
A
U
T
IO
N
F
lo
o
r tim
e
72
H
o
urs
F
lo
o
r t
im
e
48
H
o
u
rs
F
loo
r
tim
e
2
4
H
o
u
rs
3
0
˚C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
, s
e
e
b
a
r
c
o
d
e
la
b
e
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com