Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CP16634 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CP16634
Description  ~35째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP16634 Datasheet(HTML) 1 Page - Ledil, Inc.

  CP16634 Datasheet HTML 1Page - Ledil, Inc. CP16634 Datasheet HTML 2Page - Ledil, Inc. CP16634 Datasheet HTML 3Page - Ledil, Inc. CP16634 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP16634_CARMEN-50-M-C-WHT
CARMEN-50-M-C-WHT
~35°
spot
beam.
Assembly
with
holder
C
compatible
with
HEKLA
sockets
and
connectors. White version.
TECHNICAL SPECIFICATIONS:
Dimensions
mm
Height
0 mm
Fastening
socket
Colour
Box size
476 x 273 x 292 mm
Box weight
5.9 kg
Quantity in Box
308 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
CARMEN-50-M
Lens
PMMA
clear
CARMEN-50-HLD-C-WHT
Holder
PC
Last update: 04/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CP16634

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP16632 LEDIL-CP16632 Datasheet
5Mb / 4P
~11째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
CP16633 LEDIL-CP16633 Datasheet
5Mb / 4P
~25째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
CP16635 LEDIL-CP16635 Datasheet
4Mb / 4P
~50째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
More results

Similar Description - CP16634

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15970 LEDIL-FN15970_18 Datasheet
8Mb / 9P
~25째 spot beam with holder C compatible with LEDiL HEKLA
CP16106 LEDIL-CP16106 Datasheet
8Mb / 8P
~12째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16107 LEDIL-CP16107 Datasheet
11Mb / 8P
~24째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16108 LEDIL-CP16108 Datasheet
6Mb / 8P
~35째 medium beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16109 LEDIL-CP16109 Datasheet
8Mb / 8P
~55째 wide beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16632 LEDIL-CP16632 Datasheet
5Mb / 4P
~11째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
CP16633 LEDIL-CP16633 Datasheet
5Mb / 4P
~25째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
CP16635 LEDIL-CP16635 Datasheet
4Mb / 4P
~50째 spot beam. Assembly with holder C compatible with HEKLA sockets and connectors. White version.
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
~35째 spot beam with holder and installation tape
CARMEN-RS-C LEDIL-CARMEN-RS-C Datasheet
19Mb / 13P
~10째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
14/01/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com