Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3956 Datasheet(PDF) 5 Page - ams AG

Part # AS3956
Description  NFC Forum Compliant Dynamic Tag
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3956 Datasheet(HTML) 5 Page - ams AG

  AS3956 Datasheet HTML 1Page - ams AG AS3956 Datasheet HTML 2Page - ams AG AS3956 Datasheet HTML 3Page - ams AG AS3956 Datasheet HTML 4Page - ams AG AS3956 Datasheet HTML 5Page - ams AG AS3956 Datasheet HTML 6Page - ams AG AS3956 Datasheet HTML 7Page - ams AG AS3956 Datasheet HTML 8Page - ams AG AS3956 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 109 page
background image
ams Datasheet
Page 5
[v1-10] 2018-Apr-27
Document Feedback
AS3956 − General Description
AS3956 is composed of NFC-A Analog Front End (AFE), NFC Type
2 Tag Logic, EEPROM, SPI / I²C Interface and Power Supply
Manager Block (Power Manager).
The AFE is connected to an external tag coil which forms,
together with integrated resonant capacitor, a LC tank
resonating with the external electromagnetic field frequency
of 13.56 MHz. The AFE has built-in rectifier and regulators. The
output of the internal regulator (VP_INT) is used to supply the
AFE and also the Logic and EEPROM (through Power Supply
Manager). A regulator output VP_REG is available on a pin to
supply external circuitry by harvesting energy from the RF field.
The Power Manager is controlling the power supply of Logic
and EEPROM. The two blocks can be supplied either from VP_
INT or from VP_IO (SPI / I²C power supply) depending on the
power mode of the chip. AS3956 offers a power mode where
VP_IO supply is switched to VP_INT whenever the RF field is
present. VP_IO is typically used when some activity is started
over the SPI / I²C and the VP_INT is too low to be used as a power
supply.
The Logic is responsible for handling the anti-collision
sequence, when acting as NFC Type 2 Tag, and other data
transfer. The interface logic contains also a 32-byte buffer for
block transmission between NFC device and AS3956.
The EEPROM is used to store the UID, configuration and control
bits, and user data which can be accessed also via the SPI / I²C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com