Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVQ3386-R-00A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # EVQ3386-R-00A
Description  6 string White LED Driver Evaluation Board AEC-Q100 Qualified
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EVQ3386-R-00A Datasheet(HTML) 4 Page - Monolithic Power Systems

  EVQ3386-R-00A Datasheet HTML 1Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 2Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 3Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 4Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 5Page - Monolithic Power Systems EVQ3386-R-00A Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EVQ3386-R- 00A ― 6 STRING WHITE LED DRIVER
EVQ3386-R-00A Rev.1.0
www.MonolithicPower.com
4
3/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS
Performance waveforms are tested on the evaluation board.
VIN =12V, 10 LEDs in series, 6 strings parallel, 20mA/string, unless otherwise noted.
INPUT VOLTAGE (V)
Efficiency vs. Input Voltage
Steady State
Vsw
20V/div
Vsw
20V/div
VIN
5V/div
VOUT
20V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VLED6
20V/div
VOUT
20V/div
ILED
100mA/div
ILED
100mA/div
Vsw
20V/div
VEN
5V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VPWMI
2V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VFAULT
5V/div
VOUT
20V/div
ILED
100mA/div
Vsw
20V/div
VFAULT
10V/div
VOUT
20V/div
ILED
100mA/div
1us/div
1ms/div
1ms/div
2ms/div
200us/div
10ms/div
20ms/div
Vin Startup
Ven Startup
PWM Dimming
fPWM=2kHz, DPWM=50%
Open LED Protection
open all LED strings at working
Short LED Protecton
short Vout to LEDx at working
Short LED Protection
short Vout to GND at working
70
75
80
85
90
95
410
16
22
28



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com