Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FARM1C21 Datasheet(PDF) 6 Page - Vicor Corporation

Part # FARM1C21
Description  Filter/Autoranging Rectifier Module Up to 1000 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FARM1C21 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button FARM1C21 Datasheet HTML 2Page - Vicor Corporation FARM1C21 Datasheet HTML 3Page - Vicor Corporation FARM1C21 Datasheet HTML 4Page - Vicor Corporation FARM1C21 Datasheet HTML 5Page - Vicor Corporation FARM1C21 Datasheet HTML 6Page - Vicor Corporation FARM1C21 Datasheet HTML 7Page - Vicor Corporation FARM1C21 Datasheet HTML 8Page - Vicor Corporation FARM1C21 Datasheet HTML 9Page - Vicor Corporation FARM1C21 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
FARM™
Rev 6.9
vicorpower.com
Page 6 of 11
06/2017
800 927.9474
FARMxxxx
Figure 9 — Offline Power Supply Configuration
Application Note (Cont.)
Off-Line Power Supply Configuration
The FARM maintains the DC output bus voltage between 250 and
370VDC over the entire input voltage range, which is compatible
with Vicor 300V input converters. The FARM automatically
switches to the proper bridge or doubler mode depending on
the input voltage, eliminating the possibility of damage due to
improper line connection. The FARM1xxx is rated at 500W in
the low range (90 – 132VAC input), and 750W in the high range
(180 – 264VAC input). The FARM2xxx is rated for 750W and
1000W for the low and high input ranges respectively. Either of
these modules can serve as the AC front end for any number and
combination of compatible converters as long as the maximum
power rating is not exceeded.
Strap (ST) Pin: In addition to input and output power pin
connections, it is necessary to connect the Strap pin to the center
junction of the series hold-up capacitors (C1, C2, see Figure 9) for
proper (autoranging) operation. Metal oxide varistors, V1 and
V2 provide capacitor protection. The bleeder resistors (R1, R2,
see Figure 9) discharge the hold-up capacitors when power is
switched off. Capacitors C7 and C8 are recommended if the
hold-up capacitors are located more than 3 inches (75mm)
from the FARM output pins.
Enable (EN) Pin: (See Figure 10) The Enable pin must be
connected to the PC or Gate-In pin of all converter modules to
disable the converters during power up. Otherwise, the converters
would attempt to start while the hold-up capacitors were being
charged through an unbypassed current limiting thermistor,
preventing the bus voltage from reaching the thermistor bypass
threshold, thus disabling the power supply. The Enable output
(the drain of an N channel MOSFET) is internally pulled up to 15V
through a 150kΩ resistor.
A signal diode should be placed close to and in series with the PC
or (Gate-In) pin of each converter to eliminate the possibility of
control interference between converters. The Enable pin switches
to the high state (15V) with respect to the negative output power
pin to turn on the converters after the power up inrush is over.
The Enable function also provides input overvoltage protection
for the converters by turning off the converters if the DC bus
voltage exceeds 400VDC. The thermistor bypass switch opens if
this condition occurs, placing the thermistor in series with the
input voltage, which reduces the bus voltage to a safe level while
limiting input current in case the varistors conduct. The thermistor
bypass switch also opens if a fault or overload reduces the bus
voltage to less than 180VDC.
CAUTION: There is no input to output isolation in the FARM, hence the
–OUT of the FARM and thus the –In of the downstream DC-DC
converter(s) are at a high potential. If it is necessary to provide an external
enable/ disable function by controlling the DC-DC converter’s PC pin
(referenced to the –IN) of the converter an opto-isolator or isolated relay
should be employed.
+IN
PC (GATE IN)
PR
–IN
+IN
PC (GATE IN)
PR
–IN
Vicor DC-DC
Converter
R1
R2
C1
C2
V1
V2
D2
D1
C3
C5
C4
C6
F1
F2
Vicor DC-DC
Converter
To additional modules
C7**
C8**
FARM
Filter/Autoranging
Rectifier Module
N
EMI GND
N/C
L
+
BOK
ST
EN
–
Z1
C9
L
PE
N
R3
D4
C11
C10
D3
R4
F3
*
Vicor
Part
Description
Part Number
C1,2
Hold-up capacitors
C3-C6
4,700pF (Y2 type)
01000
C7,8**
Film Cap., 0.61µF
34610
C9
0.47µF
03047
C10,C11 0.001µF
D1, 2
Diode
00670
D3, 4
1N5817
26108
F1, F2
Use recommended fusing for specific
DC-DC Converters
R1, 2
150k , 0.5W
R3, 4***
250
V1,2
220VMOV
30234-220
Z1
MOV 270
30076
Sizing PCB traces:
All traces shown in bold carry significant
current and should be sized accordingly.
N/ST/L 10A RMS at 90VAC and 500W
± IN
4 ADC at 190VDC and 750W
FARM2-xxx
N/ST/L 20A RMS at 90VAC and 750W
± IN
8ADC at 190VDC and 1000W
* See Agency Approvals on FARM data sheet.
**
Required if C1 & C2 are located more than
3 in (75mm) from output of the FARM.
***Not used with VI-260/VI-J60
Not used with VI-260/VI-J60



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com