Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VI-ARM Datasheet(PDF) 1 Page - Vicor Corporation

Part # VI-ARM
Description  Autoranging Rectifier Modules Up to 1500 Watts
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-ARM Datasheet(HTML) 1 Page - Vicor Corporation

  VI-ARM Datasheet HTML 1Page - Vicor Corporation VI-ARM Datasheet HTML 2Page - Vicor Corporation VI-ARM Datasheet HTML 3Page - Vicor Corporation VI-ARM Datasheet HTML 4Page - Vicor Corporation VI-ARM Datasheet HTML 5Page - Vicor Corporation VI-ARM Datasheet HTML 6Page - Vicor Corporation VI-ARM Datasheet HTML 7Page - Vicor Corporation VI-ARM Datasheet HTML 8Page - Vicor Corporation VI-ARM Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM™
Rev 4.9
vicorpower.com
Page 1 of 11
06/2017
800 927.9474
VI-ARMx1xx
VI-ARMBx2xx
VI-ARM™
Actual size:
2.28 x 1.45 x 0.5in
57,9 x 36,8 x 12,7mm
S
NRTL
CUS
C
US
®
Features & Benefits
RoHS Compliant
(with F or G pin option)
Autoranging input
Microprocessor controlled
VI-ARM-C1:
500W @ 90 – 132VAC
750W @ 180 – 264VAC
VI-ARMB-C2:
750W @ 115VAC
1500W @ 230VAC
96 – 98% efficiency
100°C baseplate (no derating)
cULus, cTÜVus, CE Marked
AC Bus OK, module enable
Inrush limiting (no external circuitry)
CE Marked
Typical Applications: systems requiring a rugged,
full featured interface to the AC mains in the
smallest possible package.
Product Highlights
The ARM (Autoranging Rectifier Module)
is an AC front end module which provides
autoranging line rectification and inrush
current limiting. The ARM is available in either
500/750W or 750/1500W models in a quarter
brick package measuring only
2.28” x 1.45” x 0.5”.
The ARM interfaces directly with worldwide
AC mains and may be used with Vicor
300V input DC-DC converters to realize
an autoranging, high density, low profile
switching power supply. The ARM includes
a microcontroller that continuously monitors
the AC line to control bridge/doubler
operation. The user need only provide
external capacitance to satisfy system
hold-up requirements.
Vicor Micro series packaging technology
offers flexible mounting options for various
manufacturing processes. The ARM may be
installed as a conventional leaded device
for on-board applications, in-board for
low profile, height restricted applications,
socketed or surface mounted with optional
ModuMate interconnect products.
Parameter
Rating
Unit
Notes
L to N
264
VAC
280
VAC
100ms
+OUT to –OUT
400
VDC
B OK to –OUT
16
VDC
EN to –OUT
16
VDC
Output power
VI-ARM
500/750
Watts
115/230V
VI-ARMB
750/1500
Watts
115/230V
See page 3 for derating
Mounting torque
4 – 6 (0.45 – 0.68)
in-lbs (N-m)
6 each, 4-40 screw
Operating temperature
–40 to +100
°C
H-Grade
Storage temperature
–55 to +125
°C
H-Grade
Pin soldering temperature
500 (260)
°F (°C)
<5sec; wave solder
750 (390)
°F (°C)
<7sec; hand solder
Product
Pin Style
1 = Short
2 = Long
S = Short Modumate [1]
N = Long Modumate [1]
F = Short RoHS [1]
G = Long RoHS [1]
K = Extra Long RoHS [2]
Product Grade Temperatures (°C)
Grade Operating
Storage
E =
–10 to +100
–40 to +125
C =
–20 to +100
–40 to +125
T =
–40 to +100
–40 to +125
H =
–40 to +100
–55 to +125
Absolute Maximum Ratings
Part Numbering
Parameter
Min
Typ
Max
Unit
Baseplate to sink
flat, greased surface
0.24
°C/Watt
with thermal pad (P/N 16495)
0.3
°C/Watt
Baseplate to ambient
free convection
15
°C/Watt
1000LFM
2.7
°C/Watt
Thermal capacity
48
Watt-sec/°C
Thermal Resistance Capacity
Baseplate
Blank = Slotted
2 = Threaded
3 = Through hole
VI-ARMB
-
C
2
1
VI- ARM
-
C
1
2
3
[1] Pin styles S, N, F & G are compatible with the ModuMate interconnect system for socketing
and surface mounting
[2] Not intended for socket or Surfmate mounting


Similar Part No. - VI-ARM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C11 VICOR-VI-ARM-C11 Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Powerbox
VI-ARM-C11 POWERBOX-VI-ARM-C11 Datasheet
506Kb / 1P
AC INPUT - AUTORANGING
logo
Vicor Corporation
VI-ARM-C12 VICOR-VI-ARM-C12 Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM-C1N VICOR-VI-ARM-C1N Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
More results

Similar Description - VI-ARM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
Autoranging Rectifier Modules Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
Intelligent MP Series Up to 1500 Watts
logo
Emerson Network Power
IMP1-3L0-2E2-1Q1-4LL000-A EMERSON-NETWORKPOWER-IMP1-3L0-2E2-1Q1-4LL000-A Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
483974 VICOR-483974 Datasheet
626Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_15 Datasheet
1Mb / 11P
Autoranging Rectifier Module Up to 1000 Watts
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
Up to 1500 Watts
logo
Vicor Corporation
FARM1C11 VICOR-FARM1C11_17 Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
FARMXXXX VICOR-FARMXXXX Datasheet
695Kb / 11P
Filter/Autoranging Rectifier Module Up to 1000 Watts
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
Autoranging Rectifier Modules Up to 1500 Watts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com