Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIBAMD-CL Datasheet(PDF) 8 Page - Vicor Corporation

Part # VIBAMD-CL
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIBAMD-CL Datasheet(HTML) 8 Page - Vicor Corporation

Back Button VIBAMD-CL Datasheet HTML 2Page - Vicor Corporation VIBAMD-CL Datasheet HTML 3Page - Vicor Corporation VIBAMD-CL Datasheet HTML 4Page - Vicor Corporation VIBAMD-CL Datasheet HTML 5Page - Vicor Corporation VIBAMD-CL Datasheet HTML 6Page - Vicor Corporation VIBAMD-CL Datasheet HTML 7Page - Vicor Corporation VIBAMD-CL Datasheet HTML 8Page - Vicor Corporation VIBAMD-CL Datasheet HTML 9Page - Vicor Corporation VIBAMD-CL Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 8 of 10
08/2017
VxHAMxL
Table 2 — HAM filter part #30205 specifications
Parameter
Min
Typ
Max
Unit
Operating voltage
85
250
VAC
Operating temperature (See Fig.12)
–20
40
°C
Leakage current at 264VAC, 63Hz
1.2
mA
(Either line to earth)
Operating current
6.3
A
Dielectric withstand (line – case)
1500
VAC
Residual voltage after 1 sec.
34
V
Operating frequency
50
60
Hz
Agency Approvals
UL, CSA, TÜV
90
80
70
60
50
40
CURRENT (AMPS)
RATED CURRENT VS AMBIENT TEMPERATURE
1.0 2.0 3.0 4.0 5.0 6.0 7.0
Figure 11 — HAM filter #30205 current rating vs. temperature
90
80
70
60
50
40
30
20
10
0
DM
CM
0.01
0.04 0.1
0.4
1
4
10
40 100
0.02 0.07 0.2
0.7 2
7
20
70
FREQUENCY (MEGAHERTZ)
Figure 12 — HAM filter #30205 insertion loss vs. frequency
Pin Function / Description (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com