Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VIBAMD-ML Datasheet(PDF) 7 Page - Vicor Corporation

Part # VIBAMD-ML
Description  High-Boost Harmonic Attenuation Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIBAMD-ML Datasheet(HTML) 7 Page - Vicor Corporation

Back Button VIBAMD-ML Datasheet HTML 2Page - Vicor Corporation VIBAMD-ML Datasheet HTML 3Page - Vicor Corporation VIBAMD-ML Datasheet HTML 4Page - Vicor Corporation VIBAMD-ML Datasheet HTML 5Page - Vicor Corporation VIBAMD-ML Datasheet HTML 6Page - Vicor Corporation VIBAMD-ML Datasheet HTML 7Page - Vicor Corporation VIBAMD-ML Datasheet HTML 8Page - Vicor Corporation VIBAMD-ML Datasheet HTML 9Page - Vicor Corporation VIBAMD-ML Datasheet HTML 10Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VI-HAM™, VE-HAM™
Rev 2.7
Page 7 of 10
08/2017
VxHAMxL
Pin Function / Description (Cont.)
Line Filter for High Boost HAM
A line filter is required to provide attenuation of conducted
emissions generated by the HAM module and to protect it from
line transients. It also presents a well defined high frequency
AC line impedance to the input of the HAM. To meet the listed
specifications, Vicor’s P/N 30205 line filter/transient suppressor
or equivalent must be used, see Figure 9. The addition of a MOV
external to this filter is required to meet normal mode transient
surge requirements.
For applications using HAMD + BAMD or where the user desires
to construct a custom HAM filter, the filter should be designed
following Figure 9, the schematic of Vicor’s P/N 30205 filter.
The current carrying capability of the inductors must be scaled
proportionally to the number of HAM modules used. Inductance
values must be selected according to Table 1. These limits are
to ensure proper operation of the HAM and do not guarantee a
system will meet conducted emissions specifications.
For applications requiring magnetic field shielding, do not place a
ferrous EMI shield over the plastic cover of the HAM module. This
can cause thermal problems due to induction heating effects.
L).
REPRESENTS WORST
CASE LOCATION FOR
EDGE OF FILTER
MKED 'A'
4 PL
6 PL
A
A
A
A
'0'
'0'
'0'
'0'
FACE MAY BE
BOWED 0.04 MAX
NOTES
1. TOP OF INSERTS TO BE FLUSH TO .010
ABOVE TOP OF PLASTIC WASHER.
2. FILTER MUST HAVE VICOR AGENCY LABEL
(PART # 08094-01 CSA, TUV, U
4-40 INSERT
0.25 DP 4 PL
ø0.080 PIN
6 PLACES
SEE
NOTE 1
RECOMMENDED CUSTOMER
MOUNTING
0.900
0.100
1.200
0.500
0.500
4.60
±0.02
0.060
1.00
MAX
0.13
±0.02
1.45
±0.02
2.800
2.50
2.00
0.30
±0.02
1.800
.102
ø
TPH
ø.136
.060
.260
2.260
.100 2 PL
2.000 2 PL
1.900 2 PL
1.000 2 PL
2.40
±0.02
Figure 10 — HAM filter #30205 mechanical diagram
R
Cx
Cy
Cy
D1
D2
D3
HAM Filter P/N 30205
R = 235k D1,2 = 1.5KE130CA D3 = 1.5KE150CA
MOV
*
P/N 30076
Cx = 1.5µF(x2)SH C y = 0.01µF, Y2 type LC = 6.9mH LD = 0.72mH
*MOV required external to filter to meet normal mode transient surge requirements
CM
DM
Figure 9 — Required HAM filter, Vicor part # 30205
Parameter
Min
Typ
Max
Unit
Differential Mode
0.2
0.35
0.75
mH
Inductance (LD)
Common Mode
3
6
mH
Inductance (LC)
Table 1 — HAM filter inductance range
LOGIC
E/O
–OUT
+OUT
P/OK
A/S
S
G
D
Figure 7 — Enable / Output (E/O)
Outputs
DC-DC Converter(s)
Rectified Line
Enable Output (E/O)
DC Output
of HAM
AC Mains
120VRMS
Boost Voltage
250VDC
280VDC
Off at 250VDC
Off at 270VDC
270VDC
25ms
10ms
Off below 250VDC
Figure 8 — Start up / shut down timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com