Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LUW-C9EN Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LUW-C9EN
Description  SMD ceramic package with diffused silicone resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-C9EN Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LUW-C9EN Datasheet HTML 6Page - OSRAM GmbH LUW-C9EN Datasheet HTML 7Page - OSRAM GmbH LUW-C9EN Datasheet HTML 8Page - OSRAM GmbH LUW-C9EN Datasheet HTML 9Page - OSRAM GmbH LUW-C9EN Datasheet HTML 10Page - OSRAM GmbH LUW-C9EN Datasheet HTML 11Page - OSRAM GmbH LUW-C9EN Datasheet HTML 12Page - OSRAM GmbH LUW-C9EN Datasheet HTML 13Page - OSRAM GmbH LUW-C9EN Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Released
LUW C9EN
2010-12-08
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T
S); on FR4-boards
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
0
0
˚C
T
I
F
mA
OHL04129
20
40
60
80
100
120
50
100
150
200
250
300
350
400
450
550
S
0.40
-5
F
I
A
tp
s
OHL04130
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.90
0.5
1
0.005
0.02
0.05
0.1
0.3
0.2
0.01
D =
Angestrebte mittlere Lebensdauer
2) Seite 17
für mittlere Helligkeitsgruppe
Target median Lifetime
2) page 17
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 250mA
T
A = 25°C
>100’000
Betriebsstunden
operating hours
I
F = 500 mA
T
A = 85°C
>100’000
Betriebsstunden
operating hours
* lifetime L50 / B50
0.40
-5
F
I
A
tp
s
OHL04131
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
T
t
T
D =
P
P
t
I
F
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.90
0.5
1
0.005
0.02
0.05
0.1
0.3
0.2
0.01
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com