Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LUW-CRDP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-CRDP
Description  SMD ceramic package with silicon resin with lens
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-CRDP Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-CRDP Datasheet HTML 1Page - OSRAM GmbH LUW-CRDP Datasheet HTML 2Page - OSRAM GmbH LUW-CRDP Datasheet HTML 3Page - OSRAM GmbH LUW-CRDP Datasheet HTML 4Page - OSRAM GmbH LUW-CRDP Datasheet HTML 5Page - OSRAM GmbH LUW-CRDP Datasheet HTML 6Page - OSRAM GmbH LUW-CRDP Datasheet HTML 7Page - OSRAM GmbH LUW-CRDP Datasheet HTML 8Page - OSRAM GmbH LUW-CRDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2012-02-15 Version 1.0
1
2012-02-15 Version 1.0
OSLON SSL
Datasheet
Version 1.0
LUW CRDP (streetwhite)
Small size high flux LED for slim designs (between
100 mA and 1 A constant current). 133 lm, 123 lm/W
at 350 mA .
Small size high flux LED for slim designs (between
100 mA and 1 A constant current). 133 lm, 123 lm/W
at 350 mA .
Features:
Besondere Merkmale:
Package: SMD ceramic package with silicon
resin with lens
Gehäusetyp: SMD ceramic package with silicon
resin with lens
Viewing angle at 50 % I
V: 150°
Abstrahlwinkel bei 50 % I
V: 150°
Color: cool white; CRI (typ.) = 70; CTR = 5000 K
- 6500 K
Farbe: cool white; CRI (typ.) = 70; CTR = 5000 K
- 6500 K
ESD-withstand voltage: 8 kV acc. to
JESD22-A114-F
ESD-Festigkeit: 8 kV nach JESD22-A114-F
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Residential retrofits & fixtures
Lampen- und Leuchten-Retrofits
accent lights
Akzentbeleuchtung
marker lights (eg. steps, exit ways etc.)
Markierungsbeleuchtung
decorative and entertainment lighting
Dekorative Beleuchtung


Similar Part No. - LUW-CRDP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-CR7P OSRAM-LUW-CR7P Datasheet
1Mb / 19P
SMD ceramic package with silicon resin with lens
More results

Similar Description - LUW-CRDP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LACP7P OSRAM-LACP7P Datasheet
419Kb / 20P
SMD ceramic package with silicon resin with lens
LACPDP OSRAM-LACPDP Datasheet
416Kb / 20P
SMD ceramic package with silicon resin with lens
LDCP7P OSRAM-LDCP7P Datasheet
405Kb / 19P
SMD ceramic package with silicon resin with lens
LHCPDP OSRAM-LHCPDP Datasheet
363Kb / 17P
SMD ceramic package with silicon resin with lens
LCWCPDP.PC OSRAM-LCWCPDP.PC Datasheet
475Kb / 19P
SMD ceramic package with silicon resin with lens
LCW-CP7P OSRAM-LCW-CP7P Datasheet
565Kb / 21P
SMD ceramic package with silicon resin with lens
LCW-CQ7P.CC OSRAM-LCW-CQ7P.CC Datasheet
559Kb / 22P
SMD ceramic package with silicon resin with lens
LCW-CQAR.PC OSRAM-LCW-CQAR.PC Datasheet
197Kb / 10P
SMD ceramic package with silicon resin with lens
LUW-CP7P OSRAM-LUW-CP7P Datasheet
450Kb / 18P
SMD ceramic package with silicon resin with lens
LUW-CPDP OSRAM-LUW-CPDP Datasheet
509Kb / 21P
SMD ceramic package with silicon resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com