Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LUW-GVCP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUW-GVCP
Description  white SMT package, colorless clear silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-GVCP Datasheet(HTML) 1 Page - OSRAM GmbH

  LUW-GVCP Datasheet HTML 1Page - OSRAM GmbH LUW-GVCP Datasheet HTML 2Page - OSRAM GmbH LUW-GVCP Datasheet HTML 3Page - OSRAM GmbH LUW-GVCP Datasheet HTML 4Page - OSRAM GmbH LUW-GVCP Datasheet HTML 5Page - OSRAM GmbH LUW-GVCP Datasheet HTML 6Page - OSRAM GmbH LUW-GVCP Datasheet HTML 7Page - OSRAM GmbH LUW-GVCP Datasheet HTML 8Page - OSRAM GmbH LUW-GVCP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-10-27
1
2015-10-27
Advanced Power TOPLED
Datasheet
Version 1.3
LUW GVCP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
Package: white SMT package, colorless clear
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: Cx = 0.35, Cy = 0.34 acc. to CIE 1931
(ultra white)
Farbe: Cx = 0.35, Cy = 0.34 nach CIE 1931 (ultra
weiß)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
Day time running light
Tagfahrlicht


Similar Part No. - LUW-GVCP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUW-G5GP OSRAM-LUW-G5GP Datasheet
404Kb / 18P
white PLCC-4 package, clear silicone resin
More results

Similar Description - LUW-GVCP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCWG6CP OSRAM-LCWG6CP Datasheet
805Kb / 28P
white SMT package, colorless clear silicone resin
LR-G6SP OSRAM-LR-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-G6SP OSRAM-LT-G6SP Datasheet
663Kb / 22P
white SMT package, colorless clear silicone resin
LY-G6SP OSRAM-LY-G6SP Datasheet
611Kb / 21P
white SMT package, colorless clear silicone resin
LB-A6SG OSRAM-LB-A6SG Datasheet
269Kb / 16P
white SMT package, colorless clear silicone resin
LB-P4SG OSRAM-LB-P4SG Datasheet
639Kb / 22P
white SMT package, colorless clear silicone resin
LS-G6SP OSRAM-LS-G6SP Datasheet
958Kb / 21P
white SMT package, colorless clear silicone resin
LT-P4SG OSRAM-LT-P4SG Datasheet
597Kb / 22P
white SMT package, colorless clear silicone resin
LW-G6CP OSRAM-LW-G6CP Datasheet
674Kb / 23P
white SMT package, colorless clear silicone resin
LCW-G6CP OSRAM-LCW-G6CP Datasheet
805Kb / 28P
white SMT package, colorless clear silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com