Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL6754 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6754
Description  ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6754 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6754 Datasheet HTML 9Page - Renesas Technology Corp ISL6754 Datasheet HTML 10Page - Renesas Technology Corp ISL6754 Datasheet HTML 11Page - Renesas Technology Corp ISL6754 Datasheet HTML 12Page - Renesas Technology Corp ISL6754 Datasheet HTML 13Page - Renesas Technology Corp ISL6754 Datasheet HTML 14Page - Renesas Technology Corp ISL6754 Datasheet HTML 15Page - Renesas Technology Corp ISL6754 Datasheet HTML 16Page - Renesas Technology Corp ISL6754 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL6754
FN6754 Rev 2.00
Page 13 of 20
June 2, 2016
half-cycle. If the average current limit circuitry is not used, a
latching overcurrent shutdown method using external
components is recommended.
The CS to output propagation delay is increased by the Leading
Edge Blanking (LEB) interval. The effective delay is the sum of
the two delays and is 130ns maximum.
Voltage Feed Forward Operation
Voltage feed forward is a technique used to regulate the output
voltage for changes in input voltage without the intervention of
the control loop. Voltage feed forward is implemented in
voltage-mode control loops, but is redundant and unnecessary in
peak current-mode control loops.
Voltage feed forward operates by modulating the sawtooth ramp
in direct proportion to the input voltage. Figure 11 demonstrates
the concept.
Input voltage feed forward may be implemented using the RAMP
input. An RC network connected between the input voltage and
ground, as shown in Figure 12, generates a voltage ramp whose
charging rate varies with the amplitude of the source voltage. At
the termination of the active output pulse, RAMP is discharged to
ground so that a repetitive sawtooth waveform is created. The
RAMP waveform is compared to the VERR voltage to determine
duty cycle. The selection of the RC components depends upon
the desired input voltage operating range and the frequency of
the oscillator. In typical applications, the RC components are
selected so that the ramp amplitude reaches 1.0V at minimum
input voltage within the duration of one half-cycle.
The charging time of the ramp capacitor is:
For optimum performance, the maximum value of the capacitor
should be limited to 10nF. The maximum DC current through the
resistor should be limited to 2mA maximum. For example, if the
oscillator frequency is 400kHz, the minimum input voltage is
300V, and a 4.7nF ramp capacitor is selected, the value of the
resistor can be determined by rearranging Equation 7.
Where t is equal to the oscillator period minus the dead time. If
the dead time is short relative to the oscillator period, it can be
ignored for this calculation.
If feed forward operation is not desired, the RC network may be
connected to VREF rather than the input voltage. Alternatively, a
resistor divider from CTBUF may be used as the sawtooth signal.
Regardless, a sawtooth waveform must be generated on RAMP
as it is required for proper PWM operation.
Gate Drive
The ISL6754 outputs are capable of sourcing and sinking 10mA
(at rated VOH, VOL) and are intended to be used in conjunction
with integrated FET drivers or discrete bipolar totem pole drivers.
The typical on resistance of the outputs is 50Ω.
FIGURE 11. VOLTAGE FEED FORWARD BEHAVIOR
VIN
ERROR VOLTAGE
RAMP
CT
OUTLL, LR
R3
C7
RAMP
GND
1
2
4
3
5
6
7
8
19
20
11
12
13
14
15
16
ISL6754
9
10
17
18
VIN
FIGURE 12. VOLTAGE FEED FORWARD CONTROL
tR3 C7
1
VRAMP PEAK

VIN MIN

----------------------------------------
–



ln

–
=
S
(EQ. 7)
R3
t
–
C7
1
VRAMP PEAK

VIN MIN

----------------------------------------
–



ln
-------------------------------------------------------------------------
2.5
–
10
6
–
4.7 10
9
–
1
1
300
----------
–


ln

------------------------------------------------------------
==
159
=
k
(EQ. 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com