Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LUW-W5AM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LUW-W5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUW-W5AM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LUW-W5AM Datasheet HTML 8Page - OSRAM GmbH LUW-W5AM Datasheet HTML 9Page - OSRAM GmbH LUW-W5AM Datasheet HTML 10Page - OSRAM GmbH LUW-W5AM Datasheet HTML 11Page - OSRAM GmbH LUW-W5AM Datasheet HTML 12Page - OSRAM GmbH LUW-W5AM Datasheet HTML 13Page - OSRAM GmbH LUW-W5AM Datasheet HTML 14Page - OSRAM GmbH LUW-W5AM Datasheet HTML 15Page - OSRAM GmbH LUW-W5AM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
2015-12-16
12
Version 1.1
LUW W5AM
Relative Spectral Emission - V(λ) = Standard eye response curve 4) page 27
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 4) Seite 27
Φrel = f (λ); TS = 25 °C; IF = 350 mA
Radiation Characteristics 4) page 27
Abstrahlcharakteristik 4) Seite 27
Irel = f (ϕ); TS = 25 °C
OHL06126
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
λ (nm)
:
: V
(white)
Φ
rel
λ
Φ
rel
OHL03635
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com