Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL9440 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL9440
Description  Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9440 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL9440 Datasheet HTML 9Page - Renesas Technology Corp ISL9440 Datasheet HTML 10Page - Renesas Technology Corp ISL9440 Datasheet HTML 11Page - Renesas Technology Corp ISL9440 Datasheet HTML 12Page - Renesas Technology Corp ISL9440 Datasheet HTML 13Page - Renesas Technology Corp ISL9440 Datasheet HTML 14Page - Renesas Technology Corp ISL9440 Datasheet HTML 15Page - Renesas Technology Corp ISL9440 Datasheet HTML 16Page - Renesas Technology Corp ISL9440 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL9440, ISL9440A, ISL9441
FN6383 Rev 2.00
Page 13 of 20
February 9, 2015
Functional Description
General Description
The ISL9440, ISL9440A and ISL9441 are integrate control
circuits for three synchronous buck converters and one linear
controller. The three synchronous bucks operate out of phase
to substantially reduce the input ripple and thus reduce the
input filter requirements. The chip has 3 control lines (EN1,
EN2 and EN3), which provide independent control for each of
the synchronous buck outputs.
The buck PWM controllers employ free-running frequency of
300kHz (ISL9440 and ISL9441) and 600kHz (ISL9440A). The
current mode control scheme with an input voltage
feed-forward ramp input to the modulator provides an excellent
rejection of input voltage variations and provides simplified
loop compensations.
The linear controller can drive either a PNP or PFET to provide
ultra low-dropout regulation with programmable voltages.
Internal 5V Linear Regulator (VCC_5V)
All ISL9440, ISL9440A and ISL9441 functions are internally
powered from an on-chip, low dropout 5V regulator. The
maximum regulator input voltage is 24V. Bypass the regulator’s
output (VCC_5V) with a 4.7µF capacitor to ground. The
dropout voltage for this LDO is typically 600mV, so when VIN is
greater than 5.6V, VCC_5V is typically 5V. The ISL9440,
ISL9440A and ISL9441 also employ an undervoltage lockout
circuit that disables both regulators when VCC_5V falls below
4.4V.
The internal LDO can source over 60mA to supply the IC,
power the low side gate drivers and charge the external boot
capacitor. When driving large FETs especially at 300kHz
(ISL9440, ISL9441)/600kHz (ISL9440A) frequency, little or no
regulator current may be available for external loads.
For example, a single large FET with 15nC total gate charge
requires 15nC x 300kHz = 4.5mA (15nC x 600kHz = 9mA).
Also, at higher input voltages with larger FETs, the power
dissipation across the internal 5V will increase. Excessive
dissipation across this regulator must be avoided to prevent
junction temperature rise. Larger FETs can be used with 5V
±10% input applications. The thermal overload protection
circuit will be triggered, if the VCC_5V output is short-circuit.
Connect VCC_5V to VIN for 5V ±10% input applications.
Digital Enable Signals
The typical applications for the ISL9440, ISL9440A and
ISL9441 are using digital sequencing controllers for the power
rails. Using a digital enable rather than an analog soft-start
provides a well controlled method for sequencing up and down
on the power rails.
Soft-Start Operation
The ISL9440, ISL9440A and ISL9441 have a fixed soft-start
time, 1.7ms (TYP). PGOOD will not toggle to high until
soft-start is done and all the four outputs are up and in
regulations.
Output Voltage Programming
The ISL9440, ISL9440A and ISL9441 use a precision internal
reference voltage to set the output voltage. Based on this
internal reference, the output voltage can thus be set from 0.8V
up to a level determined by the input voltage, the maximum
duty cycle, and the conversion efficiency of the circuit.
A resistive divider from the output to ground sets the output
voltage of either PWM channel. The center point of the divider
shall be connected to FBx pin. The output voltage value is
determined by Equation 1.
where R1 is the top resistor of the feedback divider network
and R2 is the resistor connected from FBx to ground.
Out-of-Phase Operation
To reduce input ripple current, Channel 1 and Channel 2 operate
180° out-of-phase, Channel 3 keeps 0 phase degree with
Channel 1. Channel 1 and Channel 2 typically output higher load
compared to Channel 3 because of their stronger drivers. This
reduces the input capacitor ripple current requirements, reduces
power supply-induced noise, and improves EMI. This effectively
helps to lower component cost, save board space and reduce
EMI.
Triple PWMs typically operate in-phase and turn on both upper
FETs at the same time. The input capacitor must then support the
instantaneous current requirements of the three switching
regulators simultaneously, resulting in increased ripple voltage
and current. The higher RMS ripple current lowers the efficiency
due to the power loss associated with the ESR of the input
capacitor. This typically requires more low-ESR capacitors in
parallel to minimize the input voltage ripple and ESR-related
losses, or to meet the required ripple current rating.
With synchronized out-of-phase operation, the high-side
MOSFETs turn on 180° out-of-phase. The instantaneous input
current peaks of both regulators no longer overlap, resulting in
reduced RMS ripple current and input voltage ripple. This reduces
the required input capacitor ripple current rating, allowing fewer or
less expensive capacitors, and reducing the shielding
requirements for EMI. The typical operating curves show the
synchronized 180° out-of-phase operation.
Input Voltage Range
The ISL9440, ISL9440A and ISL9441 are designed to operate
from input supplies ranging from 4.5V to 24V.
For 5V ±10% input applications, ISL9441 is suggested. The
reason is that VIN and VCC_5V Pin should be tied together for
this input application. The early warning function will pull
PGOOD and RST low for ISL9440 and ISL9440A. ISL9441
has not been implemented with early warning function.
VOUTx
0.8V
R1 R2
+
R2
----------------------


=
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com