Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FP13029 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP13029
Description  ~45째 wide beam optimized for CREE XP-E. 6.8 mm high variant with clip installation.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP13029 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP13029 Datasheet HTML 1Page - Ledil, Inc. FP13029 Datasheet HTML 2Page - Ledil, Inc. FP13029 Datasheet HTML 3Page - Ledil, Inc. FP13029 Datasheet HTML 4Page - Ledil, Inc. FP13029 Datasheet HTML 5Page - Ledil, Inc. FP13029 Datasheet HTML 6Page - Ledil, Inc. FP13029 Datasheet HTML 7Page - Ledil, Inc. FP13029 Datasheet HTML 8Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT
DATASHEET
FP13029_LISA2-WW-CLIP
LISA2-WW-CLIP
~45° wide beam optimized for CREE XP-E. 6.8
mm high variant with clip installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.8 mm
Fastening
glue, clips
Colour
black
Box size
Box weight
1.4 kg
Quantity in Box
2000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LISA2-WW
Lens
PMMA
clear
LISA2-HLD-CLIP16-XP
Holder
PC
black
Last update: 08/03/2018
Subject to change without prior notice
1/8
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FP13029

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP13025 CREE-FP13025 Datasheet
1Mb / 30P
Lisa series
logo
Ledil, Inc.
FP13025 LEDIL-FP13025 Datasheet
3Mb / 9P
~35째 wide beam.
logo
Cree, Inc
FP13026 CREE-FP13026 Datasheet
1Mb / 30P
Lisa series
logo
Ledil, Inc.
FP13026 LEDIL-FP13026 Datasheet
3Mb / 9P
~45째 wide beam.
logo
Cree, Inc
FP13028 CREE-FP13028 Datasheet
1Mb / 30P
Lisa series
More results

Similar Description - FP13029

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12056 LEDIL-CA12056_18 Datasheet
2Mb / 5P
~45째 wide beam optimized for CREE XP-E.
CA12378 LEDIL-CA12378 Datasheet
4Mb / 8P
~45째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FP11856 LEDIL-FP11856 Datasheet
3Mb / 5P
~20째 x 50째 turned oval beam optimized for CREE XP-E. 6.8 mm high variant with clip installation.
FP13030 LEDIL-FP13030_18 Datasheet
6Mb / 8P
~20째 medium beam optimized for CREE XP-E. 6.8 mm high variant with clip installation.
FP13031 LEDIL-FP13031 Datasheet
6Mb / 8P
~35째 wide beam optimized for CREE XP-E. 6.8 mm high variant with clip installation.
FP14415 LEDIL-FP14415 Datasheet
5Mb / 5P
~45째 x 20째 oval beam optimized for CREE XP-E. 7.13 mm high variant with clip installation.
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FP11077 LEDIL-FP11077 Datasheet
1Mb / 6P
~45째 wide beam optimized for CREE XP-E.
FA10669 LEDIL-FA10669 Datasheet
1Mb / 5P
~45째 15째 oval beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com