Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C10757 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C10757
Description  Soft wide beam with good illuminance uniformity optimized for CREE XR-E.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C10757 Datasheet(HTML) 1 Page - Ledil, Inc.

  C10757 Datasheet HTML 1Page - Ledil, Inc. C10757 Datasheet HTML 2Page - Ledil, Inc. C10757 Datasheet HTML 3Page - Ledil, Inc. C10757 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
C10757_STRADA-DW
STRADA-DW
Soft
wide
beam
with
good
illuminance
uniformity optimized for CREE XR-E.
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
11.8 mm
Fastening
glue, screw
Colour
clear
Box size
Box weight
8.1 kg
Quantity in Box
2736 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-DW
Lens
PMMA
clear
Last update: 10/05/2017
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C10757

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C10754 CREE-C10754 Datasheet
1Mb / 22P
Cute series
logo
Ledil, Inc.
C10754 LEDIL-C10754 Datasheet
5Mb / 9P
~12째 smooth spot beam with 3 mm high location pins
logo
Cree, Inc
C10755 CREE-C10755 Datasheet
1Mb / 17P
Cute series
logo
Ledil, Inc.
C10755 LEDIL-C10755 Datasheet
2Mb / 9P
~25째 medium beam with 3 mm high location pins
logo
Cree, Inc
C10756 CREE-C10756 Datasheet
1Mb / 28P
Cute series
More results

Similar Description - C10757

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13500 LEDIL-C13500 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
CA11819 LEDIL-CA11819 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
C11255 LEDIL-C11255 Datasheet
1Mb / 7P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G and XP-E.
C11425 LEDIL-C11425 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G and XP-E
C11818 LEDIL-C11818 Datasheet
1Mb / 4P
Soft wide beam with good illuminance uniformity
C11891 LEDIL-C11891 Datasheet
1Mb / 5P
Soft wide beam with good illuminance uniformity
2FA11993 LEDIL-2FA11993 Datasheet
1Mb / 6P
Soft wide beam with good illuminance uniformity
C11918 LEDIL-C11918 Datasheet
2Mb / 7P
Soft wide beam with good illuminance uniformity
CA11256 LEDIL-CA11256 Datasheet
1Mb / 9P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G and XP-E.
CA11426 LEDIL-CA11426 Datasheet
1Mb / 7P
Soft wide beam with good illuminance uniformity optimized for CREE XP-G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com