Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC920LP5E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC920LP5E
Description  ACTIVE BIAS CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC920LP5E Datasheet(HTML) 2 Page - Analog Devices

  HMC920LP5E Datasheet HTML 1Page - Analog Devices HMC920LP5E Datasheet HTML 2Page - Analog Devices HMC920LP5E Datasheet HTML 3Page - Analog Devices HMC920LP5E Datasheet HTML 4Page - Analog Devices HMC920LP5E Datasheet HTML 5Page - Analog Devices HMC920LP5E Datasheet HTML 6Page - Analog Devices HMC920LP5E Datasheet HTML 7Page - Analog Devices HMC920LP5E Datasheet HTML 8Page - Analog Devices HMC920LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 2
13
HMC920LP5E
v07.1013
ACTIVE BIAS CONTROLLER
HMC920LP5E is an active bias controller which generates a regulated Drain voltage and actively adjusts the gate
voltage of an external amplifier to achieve constant bias current. It can be used to bias any enhancement and depletion
type amplifiers operating in Class-A regime with Drain voltages (VDRAIN) from 3V to 15V and drain currents (IDRAIN)
up to 500mA, offering a complete biasing solution.
HMC920LP5E achieves excellent bias stability over supply, temperature and process variations, and eliminates the
required calibration procedures used to prevent RF performance degradation due to such variations.
The HMC920LP5E is housed in an RoHS compliant 5x5 mm QFN leadless package with an exposed backside pad
to improve thermal characteristics.
General Description
Electrical Specifications, T
A = +25°C, Vdd = Vdd1 = Vdd2 = 15V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Voltage
Vdd
5
16.5
V
Quiescent Current
IDD
Vdd = 5V
EN = Vdig
35
mA
EN = GND
20
mA
Vdd = 15V
EN = Vdig
35
mA
EN = GND
20
mA
Negative Voltage Output
VNEG
-2.5
V
Oscillator Frequency
FOSC
250
kHz
Bandgap Reference
VBGC
2
V
VDIG Feedback
VDIGFB
2.5
V
LDOCC Feedback
LDOFB
2
V
Enable Input Threshold
ENTHRS
Vinlow
1
V
Vinhigh
1.4
V
ALMTRIG Input Threshold
ALMTRIG
Vinlow
1
V
Vinhigh
1.4
V
Low Vdd Alarm Threshold
VddCHK
3.8
V
VDRAIN Characteristics
DRAIN Current Adjustment Range
IDRAIN
0
500
mA
DRAIN Current Change Over Supply Voltage
ΔIDRAINV
VDRAIN set to 6V,
IDRAIN set to 100mA,
0.05
%/V
DRAIN Current Change Over Temperature
0.03
%/C
DRAIN Adjustment Range
VDRAIN
3
15
V
VDRAIN Change Over Supply Voltage
ΔVDRAIN
VDRAIN set to 6V,
IDRAIN set to 100mA,
0.05
%/V
VDRAIN Change Over Temperature
0.008
%/C
VNEG Characteristics
Negative Voltage Output
VNEG
-2.5
V
VNEG Current Sink
INEG
0
60
mA
VGATE Characteristics
GATE Current Supply
IG
-4
4
mA
VGATE Low Level
VG_MIN
VNEG
V
VGATE High Level
VG_MAX
VNEG+4.5
V
VDIG Characteristics
Adjustment Range
VDIG
3.5
5
V
VDIG Current Source
IDIG
30
mA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com