Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HIN232 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HIN232
Description  5V Powered RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HIN232 Datasheet HTML 7Page - Renesas Technology Corp HIN232 Datasheet HTML 8Page - Renesas Technology Corp HIN232 Datasheet HTML 9Page - Renesas Technology Corp HIN232 Datasheet HTML 10Page - Renesas Technology Corp HIN232 Datasheet HTML 11Page - Renesas Technology Corp HIN232 Datasheet HTML 12Page - Renesas Technology Corp HIN232 Datasheet HTML 13Page - Renesas Technology Corp HIN232 Datasheet HTML 14Page - Renesas Technology Corp HIN232 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241
FN3138 Rev 17.00
Page 11 of 22
August 6, 2015
Transmitters
The transmitters are TTL/CMOS compatible inverters which
translate the inputs to RS-232 outputs. The input logic threshold
is about 26% of VCC, or 1.3V for VCC = 5V. A logic 1 at the
input results in a voltage of between -5V and V- at the output,
and a logic 0 results in a voltage between +5V and (V+ -0.6V).
Each transmitter input has an internal 400k
 pullup resistor so
any unused input can be left unconnected and its output
remains in its low state. The output voltage swing meets the
RS-232C specifications of ±5V minimum with the worst case
conditions of: all transmitters driving 3k
 minimum load
impedance, VCC = 4.5V, and maximum allowable operating
temperature. The transmitters have an internally limited output
slew rate which is less than 30V/µs. The outputs are short
circuit protected and can be shorted to ground indefinitely. The
powered down output impedance is a minimum of 300
 with
±2V applied to the outputs and VCC = 0V.
Receivers
The receiver inputs accept up to ±30V while presenting the
required 3k
 to 7k input impedance even if the power is off
(VCC = 0V). The receivers have a typical input threshold of
1.3V which is within the ±3V limits, known as the transition
region, of the RS-232 specifications. The receiver output is
0V to VCC. The output will be low whenever the input is
greater than 2.4V and high whenever the input is floating or
driven between +0.8V and -30V. The receivers feature 0.5V
hysteresis to improve noise rejection. The receiver Enable
line EN, when set to logic “1”, (HIN236, HIN239, HIN240,
and HIN241) disables the receiver outputs, placing them in
the high impedance mode. The receiver outputs are also
placed in the high impedance state when in shutdown mode.
TOUT
V- < VTOUT < V+
300
400k
TXIN
GND < TXIN < VCC
V-
V+
VCC
FIGURE 2. TRANSMITTER
ROUT
GND < VROUT < VCC
5k
RXIN
-30V < RXIN < +30V
GND
VCC
FIGURE 3. RECEIVER
TIN
VOL
VOL
tPLH
tPHL
AVERAGE PROPAGATION DELAY =
tPHL + tPLH
2
OR
RIN
TOUT
OR
ROUT
FIGURE 4. PROPAGATION DELAY DEFINITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com