Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MA4AGSW4 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4AGSW4
Description  AIGAAS SP4T PIN DIODE SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4AGSW4 Datasheet(HTML) 1 Page - Tyco Electronics

  MA4AGSW4 Datasheet HTML 1Page - Tyco Electronics MA4AGSW4 Datasheet HTML 2Page - Tyco Electronics MA4AGSW4 Datasheet HTML 3Page - Tyco Electronics MA4AGSW4 Datasheet HTML 4Page - Tyco Electronics MA4AGSW4 Datasheet HTML 5Page - Tyco Electronics MA4AGSW4 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Ultra Broad Bandwidth: 50 MHz to 50 GHz
n
Functional bandwidth : 50 MHz to 70 GHz
n
1.0 dB Insertion Loss, 32 dB Isolation at 50 GHz
n
Low Current consumption:
-10 mA for Low Loss State
+10 mA for Isolation
n
M/A-COM’s unique patent pending AlGaAs
hetero-junction anode technology
n
Silicon Nitride Passivation
n
Polymide Scratch protection
Description
M/A-COM’s MA4AGSW4 is an Aluminum-Gallium-Arsenide
anode enhanced, SP4T PIN diode switch. AlGaAs anodes, which
utilize M/A-COM’s patent pending hetero-junction technology,
which produce less loss than conventional GaAs processes, as
much as 0.3 dB reduction in insertion loss at 50 GHz.
These
devices are fabricated on a OMCVD epitaxial wafer using a
process designed for high device uniformity and extremely low
parasitics.
The diodes themselves exhibit low series resistance,
low capacitance, and fast switching speed.
They are fully
passivated with silicon nitride and have an additional layer of a
polymer for scratch protection. The protective coating prevents
damage to the junction and the anode airbridges during handling.
Off-chip bias circuitry is required and allows maximum design
flexibility.
Applications
The low capacitance of the PIN diodes used makes it ideal for use
in microwave multi-throw switch designs, where the series
capacitance in each off-arm will load the input.
Also, the low
series resistance of the diodes helps the total insertion loss of the
devices at microwave frequencies. These AlGaAs PIN switches
are used as the switching arrays for radar systems, radiometers, and
other multi-assembly components.
AlGaAs SP4T PIN
Diode Switch
V 1.00
MA4AGSW4 Layout
Absolute Maximum Ratings
1
@ TA = +25 °C (Unless otherwise
specified)
Parameter
Maximum Rating
Operating Temperature
-55 °C to +125 °C
Storage Temperature
-65 °C to +150 °C
Incident C.W. RF Power
+ 23 dBm C. W.
Reverse Voltage
25 V
Bias Current
+/- 30 mA
1. Exceeding any of these values may result in permanent
damage
Nominal Chip Dimensions
Chip Dimensions (
µm)
X
Y
Chip
1725
1530
Pad Dimensions (
µm)
X
Y
RF
100
100
Pad Locations (
µm)
X
Y
J1
0
0
J2
-736
+506
J3
-511
+1277
Pad Locations Relative to J1
J4
-511
+1277
J5
+736
+506


Similar Part No. - MA4AGSW4

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
118Kb / 7P
SP4T AlGaAs PIN Diode Switch RoHS Compliant
MA4AGSW4 MA-COM-MA4AGSW4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
More results

Similar Description - MA4AGSW4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW900-287T MACOM-MA4AGSW900-287T Datasheet
134Kb / 5P
AIGaAs PIN Diode High Isolation SPST Switch
MA4SW410 MACOM-MA4SW410 Datasheet
199Kb / 6P
SP4T Monolithic PIN Diode Switch
MASW-004100 MACOM-MASW-004100 Datasheet
237Kb / 6P
Monolithic PIN SP4T Diode Switch
logo
M/A-COM Technology Solu...
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MA4AGSW4_V4 MA-COM-MA4AGSW4_V4 Datasheet
124Kb / 7P
SP4T AlGaAs PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193_2 Datasheet
136Kb / 7P
HMIC SP4T Silicon PIN Diode Switch
MASW-004100-1193 MA-COM-MASW-004100-1193 Datasheet
507Kb / 7P
HMIC??SP4T Silicon PIN Diode Switch
MA4SW410 MA-COM-MA4SW410 Datasheet
445Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch
MA4AGSW4 MA-COM-MA4AGSW4_15 Datasheet
711Kb / 8P
SP4T AlGaAs PIN Diode Switch
MA4SW410 MA-COM-MA4SW410_14 Datasheet
810Kb / 6P
HMIC Silicon SP4T PIN Diode Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com