Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-LLL005V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-LLL005V1
Description  60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL005V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-LLL005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagrams
Figure 2. Input power jack and USB Type-C section
SSMM4F24A
2
DA1
B9
CC1
D
D33
B7
JJ22
R
R22
D-
TX2-
VBUS
A9
B2
CC2
SBU1
A8
D+
B6
RX1-
TX1-
A3
B10
A11
GND
RX1+
R
R77
B3
VBUS
B4
55..11K
K
3
RX2-
1
RX2+
VBUS
VCC_USB
ESDA6V1L
5566K
K
VBUS
A4
A10
1100K
K
B11
GND
B12
VCC_USB
D-
TypeC_Receptacle
A12
GND
B1
55..11K
K
VSENSE
VCC_USB
CC1
D+
A6
SBU2
B8
CC2
B5
A5
TX2+
A7
TX1+
A2
R
R33
R
R11
GND
A1
Input Section
VCC_Jack
D1
CONN JACK PWR
3
2
1
JJ11
DIODE BRIDGE
--
++
TypeC_Receptacle
Figure 3. DC-DC step down and LDO regulator section
11uuF
F
556600R
R
ADJ/NC
EN
3
C
C77
S
ST
TP
PS
S22LL3300
4V5
LL11
2222uuH
H
4477uuF
F
C
C66
R
R66
VCC
C
C22
IN
1
D
D22
2
SYNC
R
R99
VDD
OUT
1
C
C33
R
R55
222200R
R
22kk
4V5
U
U11
U
U22
LLD
DK
K112200M
M3333R
R
R
R88
5
OUT
55..11K
K
R
R44
44..77nnF
F
1100uuF
F
C
C44
C
C11
447700ppF
F
C
C55
2222nnF
F
8
VCC
11uuF
F
LL77998811
220000R
R
4
COMP
4
STEVAL-LLL005V1
Schematic diagrams
DB3478 - Rev 1
page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com