Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SK2111 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SK2111
Description  1:10 DIFFERENTIAL LVDS CLOCK DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK2111 Datasheet(HTML) 5 Page - Semtech Corporation

  SK2111 Datasheet HTML 1Page - Semtech Corporation SK2111 Datasheet HTML 2Page - Semtech Corporation SK2111 Datasheet HTML 3Page - Semtech Corporation SK2111 Datasheet HTML 4Page - Semtech Corporation SK2111 Datasheet HTML 5Page - Semtech Corporation SK2111 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
www.semtech.com
TEST AND MEASUREMENT PRODUCTS
SK2111
Revision 3 / April 24, 2003
l
o
b
m
y
Ss
c
it
s
ir
e
t
c
a
r
a
h
C
0
4
-
=
A
T
oC0
=
A
T
oC5
2
=
A
T
oC5
8
=
A
T
oC
s
ti
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
F X
A
M
y
c
n
e
u
q
e
r
F
e
l
g
g
o
T
x
a
M
2
0
0
80
0
80
0
80
0
8z
H
M
H
L
P
t
L
H
P
t
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
t
u
p
t
u
O
o
t
K
L
C
0
0
45
8
40
7
50
9
30
8
40
7
50
1
45
9
40
8
50
3
45
1
50
0
6s
p
ft
,r
t
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
t
u
O
)
%
0
8
o
t
%
0
2
(
0
5
10
2
35
5
10
3
30
6
10
4
35
6
10
6
3s
p
T S
C
C
l
e
n
n
a
h
C
-
o
t-
l
e
n
n
a
h
C
t
u
p
t
u
O
w
e
k
S
0
60
60
60
6s
p
AC Characteristics
(VCC = 3.0V to 3.6V, VEE = 0V)
SK2111 AC Electrical Characteristics
NOTES:
1. DV
OUT is obtained as follows: Voltages of Q and Q* outputs with respect to VEE are measured. The absolute
difference between the high and the low is equal to DV
OUT.
2. 250 mV minimum output peak-to-peak swing for Max toggle frequency.
3. For part ordering information, see HPP Part Ordering Information Data Sheet
4. R
L = 100Ω, 800 MHz, OE = High



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com