Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

0432550153 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0432550153
Description  6.35mm Pitch MLX Power Connector Header, 2.13mm Contact Diameter, Vertical
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0432550153 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0432550153_18 Datasheet HTML 1Page - Molex Electronics Ltd. 0432550153_18 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
20.0A, 9.0A
Voltage - Maximum
600V
Solder Process Data
Lead-freeProcess Capability
WAVE
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43255-001-001, PK-43255-003-001
Product Specification
PSX-42002-0001-001
Sales Drawing
SDA-43255-00**
This document was generated on 07/25/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com