Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8337 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8337
Description  General-Purpose, Low Cost, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8337 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8337 Datasheet HTML 12Page - Analog Devices AD8337 Datasheet HTML 13Page - Analog Devices AD8337 Datasheet HTML 14Page - Analog Devices AD8337 Datasheet HTML 15Page - Analog Devices AD8337 Datasheet HTML 16Page - Analog Devices AD8337 Datasheet HTML 17Page - Analog Devices AD8337 Datasheet HTML 18Page - Analog Devices AD8337 Datasheet HTML 19Page - Analog Devices AD8337 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8337
Data Sheet
Rev. D | Page 16 of 28
OSCILLOSCOPE
AD8337
100Ω
5
3
4
PrA
+
–
1
100Ω
CH2
50Ω
50Ω
CH1
20Ω 453Ω
NC
POWER
SPLITTER
OUTPUT
49.9Ω
FUNCTION
GENERATOR
Figure 56. VGA Overdrive Recovery
AD8337
100Ω
5
3
4
PrA
1
100Ω
7
DMM
(+I)
8
6
DMM
(–I)
DMM
(V)
+
–
Figure 57. Supply Current
NETWORK ANALYZER
100Ω
5
3
4
PrA
1
100Ω
7
100Ω
50Ω
IN
OUT
20Ω
453Ω
50Ω
VGAIN
AD8337
+
–
Figure 58. Frequency Response—Inverting Feedback
OSCILLOSCOPE
100Ω
5
3
4
PrA
1
100Ω
7
CH2
50Ω
OUT
50Ω
CH1
PULSE
GENERATOR
100Ω
20Ω 453Ω
56.2Ω
0.7V
POWER
SPLITTER
AD8337
+
–
Figure 59. Pulse Response—Inverting Feedback
NETWORK ANALYZER
100Ω
5
3
4
PrA
1
100Ω
7
49.9Ω
50Ω
IN
OUT
BYPASS
CAPACITORS
REMOVED FOR
MEASUREMENT
50Ω
DIFFERENTIAL
FET PROBE
BENCH
POWER SUPPLY
VPOS
+SUPPLY TO NETWORK
ANALYZER BIAS PORT
AD8337
+
–
VGAIN
Figure 60. PSRR
SPECTRUM ANALYZER
AD8337
100Ω
5
3
4
PrA
1
100Ω
7
IN
50Ω
+
–
VGAIN
Figure 61. Input Referred Noise vs. RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com