Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM2133B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM2133B
Description  Low-power Synthesizer with Effects and Built-in RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2133B Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM2133B Datasheet HTML 1Page - ATMEL Corporation ATSAM2133B Datasheet HTML 2Page - ATMEL Corporation ATSAM2133B Datasheet HTML 3Page - ATMEL Corporation ATSAM2133B Datasheet HTML 4Page - ATMEL Corporation ATSAM2133B Datasheet HTML 5Page - ATMEL Corporation ATSAM2133B Datasheet HTML 6Page - ATMEL Corporation ATSAM2133B Datasheet HTML 7Page - ATMEL Corporation ATSAM2133B Datasheet HTML 8Page - ATMEL Corporation ATSAM2133B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
Features
Single-chip Synthesizer + Effects, Features include
– High-quality Wavetable Synthesis, Serial MIDI In & Out, MPU-401 (UART)
– Effects: Reverb + Chorus, on MIDI and/or Audio In
– Up to 64-voice Polyphony
– Surround on Two or Four Speakers with Intensity/Delay Control
– Four-band Parametric Equalizer
– Audio-in Processing through Reverb, Chorus, Equalizer, Surround
Low Chip Count in Applications
– ATSAM2133B Synthesizer, ROM/Flash, DAC
– Built-in (32K x 16) Effects RAM
Low-power
– 40 mA Typical Operating Current, <1 µA Power-down
– 2.5V and 3.3V Supply
– Built-in Power Switch
16-bit Samples, 44.1 KHz Sampling Rate, 24 dB Digital Filter per Voice
Available Wavetable Firmwares and Sample Sets
– CleanWave8
® Low-cost General MIDI 1-MB Firmware + Sample Set
– CleanWave32
® Top-quality 4-MB Firmware + Sample Set
– Other Sample Sets Available under special conditions
Built-in ROM Debugger, Flash Programmer through Dedicated Pins
– Fast Product-to-market
Small Footprint
– 12 x 12 mm, 0.4 mm Pitch, 100-lead TQFP Package
– 10 x 10 mm, 0.8 mm Pitch 100-ball CBGA Package
Typical Applications
– Portable Telephones
– Computer Karaoke, Portable Karaoke Systems
– Keyboards, Portable Keyboard Instruments
Description
The ATSAM2133B is a low-cost derivative of the ATSAM97xx series. It retains the
same high-quality synthesis with up to 64-voice polyphony. The ATSAM2133B maxi-
mum wavetable memory is 16 MB and the parallel communication is via a standard
MPU-401. The integrated 32K x 16 RAM allows for high-quality effects without addi-
tional components.
The highly integrated architecture of the ATSAM2133B combines a specialized high-
performance RISC-based digital signal processor (Synthesis/DSP) and a general-pur-
pose 16-bit CISC-based control processor on a single chip. An on-chip memory
management unit (MMU) allows the synthesis/DSP and the control processor to share
external ROM and/or RAM memory devices. An intelligent peripheral I/O interface
function handles other I/O interfaces, such as the MPU port, the on-chip MIDI UART,
and the Codec control interface, with minimum intervention from the control processor.
Sound
Synthesis
ATSAM2133B
Low-power
Synthesizer
with Effects and
Built-in RAM
Rev. 2694A–DRMSD–05/03


Similar Part No. - ATSAM2133B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
ATSAM2193-G ATMEL-ATSAM2193-G Datasheet
130Kb / 14P
Sound Synthesis
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
Audio Processing
More results

Similar Description - ATSAM2133B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HM17CM256 HYNIX-HM17CM256 Datasheet
2Mb / 111P
128XRGBX82 OUTPUT LCD DRIVER IC with built-in RAM
logo
Asahi Kasei Microsystem...
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
LOW POWER 20BIT CODEC WITH BUILT IN ALC
logo
ATMEL Corporation
ATSAM3303 ATMEL-ATSAM3303 Datasheet
182Kb / 25P
GM-Lite Synthesizer/Professional Effects DSP
logo
OKI electronic componet...
ML9352 OKI-ML9352 Datasheet
302Kb / 53P
128-Channel Organic EL Driver with Built-in RAM
logo
List of Unclassifed Man...
HM17CM4096 ETC2-HM17CM4096 Datasheet
1Mb / 67P
128XRGBX162 OUTPUT LCD DRIVER IC with built-in RAM
logo
Panasonic Battery Group
AN3X PANASONICBATTERY-AN3X Datasheet
166Kb / 1P
High Resolution, 256 Step LED Matrix Driver with Built-In Lighting Effects
logo
Murata Manufacturing Co...
MBN52832 MURATA-MBN52832 Datasheet
441Kb / 1P
Built-in ARM Cortex M4 core with 64KB RAM and 512KB flash
logo
List of Unclassifed Man...
SAM2634 ETC1-SAM2634 Datasheet
188Kb / 22P
LOW-POWER SYNTHESIZER WITH EFFECTS
SAM2635 ETC1-SAM2635 Datasheet
251Kb / 24P
LOW-POWER SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
SAM2695 ETC1-SAM2695 Datasheet
306Kb / 44P
LOW POWER SINGLE CHIP SYNTHESIZER WITH EFFECTS AND BUILT-IN CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com