Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATSAM9753 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM9753
Description  Integrated Digital Music Instrument
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9753 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM9753 Datasheet HTML 1Page - ATMEL Corporation ATSAM9753 Datasheet HTML 2Page - ATMEL Corporation ATSAM9753 Datasheet HTML 3Page - ATMEL Corporation ATSAM9753 Datasheet HTML 4Page - ATMEL Corporation ATSAM9753 Datasheet HTML 5Page - ATMEL Corporation ATSAM9753 Datasheet HTML 6Page - ATMEL Corporation ATSAM9753 Datasheet HTML 7Page - ATMEL Corporation ATSAM9753 Datasheet HTML 8Page - ATMEL Corporation ATSAM9753 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
ATSAM9753
1774D–DRMSD–11/02
Pin Description
Table 1. Pin Description by Function
Pin Name
Pin Number
Type
Function
Power Supply
(1)
GND
4, 17, 24, 32, 42, 52, 56,
65, 77, 90, 97, 102, 110,
125, 130, 140
PWR
Digital Ground
All pins should be connected to a ground plane.
AGND
103
PWR
Analog Ground for the ADC
VCC
5, 18, 31, 41, 51, 66, 78,
91, 111, 126, 139
PWR
Power Supply, 3.3V/5V ± 10%
All pins should be connected to a VCC plane.
VC3
23, 55, 96, 101, 129
PWR
Core power, +3.3V nominal (3.3V ± 10%).
All VC3 pins should be returned to +3.3V.
AVC3
107
PWR
Analog power for the ADC, +3.3V nominal (3.3V ± 10%)
Serial MIDI
MIDI_IN
94
IN
Serial MIDI_IN
MIDI_OUT
95
OUT
Serial MIDI_OUT
External PCM ROM/RAM/I/O
WA[23:0]
47 - 50, 53, 54, 57 - 64,
67 - 76
OUT
External memory I/O address. Up to 16M x 16 for direct ROM/RAM
connection.
WD[15:0]
19 - 22, 25 - 30, 33 - 38
I/O
External memory I/O data. Data is read (input) when RD is low, written
(output) when WR is low.
RD
39
OUT
External ROM/RAM/peripherals read
WR
40
OUT
External RAM/peripherals write
CS[1:0]
43, 44
OUT
Programmable chip selects. Can be configured to handle several ROMs or
mixed RAM/ROM/FLASH.
XIO[1:0]
45, 46
OUT
External peripherals chip select. Each peripheral maps onto 4K bytes
address space for optional further decoding.
Keyboard, Switches, LEDs, Sliders, Scanning
KBDIO
119
OUT
If 1: BR[10:0] and MK[10:0] hold keyboard contact input data.
If 0: BR[10:0] holds switch status input, MK[10:0] holds LED data output.
ROW[2:0]
115 - 117
OUT
Row select: Keyboard, switches/LEDs, external slider analog multiplexer
(4051) channel select. Eight rows combined with eleven BR/MK columns
allow to control 88 keys, 88 switches, 88 LEDs and 8 sliders. The
programmable bit GPIO0 allows control to be extended to 176 switches and
16 sliders when programmed as ROW3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com