Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PEX9700 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # PEX9700
Description  Managed PCI Express Switches Based on ExpressFabric짰 Technology
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

PEX9700 Datasheet(HTML) 1 Page - Broadcom Corporation.

  PEX9700 Datasheet HTML 1Page - Broadcom Corporation. PEX9700 Datasheet HTML 2Page - Broadcom Corporation. PEX9700 Datasheet HTML 3Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PEX9700 Series Switch Chips
Product Brief
General Features
• State-of-the-art switch fabric
− Sharing I/Os among multiple
hosts
− Low latency TWC
• Any port can be a host port or
Downstream (device) Port
• Works with standard PCIe end-
points and hosts – and software,
as well as with existing application
software
• MSI-X support
• Allows flexible fabric topologies
Key Advantages
• PCI Express Switches
− 12 to 97 Lanes with Integrated
on-chip SerDes
−5 to 25 Independent ports
−Designate any Port as the
Upstream Port
− Low-power SerDes (under 90
mW per Lane)
− Device-Specific Relaxed Ordering
− Port configuration
− Dedicated management port
for mCPU
Converge Servers and IO controllers with PCIe
• Create cost-effective high-availability hyperscale systems by enabling
communication between in-rack hosts and endpoints using PCIe
• Simplify connectivity while providing the highest PCIe switching
performance available for data center servers, storage, and networks
• Reduce latency, system complexity, and power consumption
by up to 50% in data-intensive environments
• Take advantage of industry-first features for most demanding hyper-
converged, NVMe and rack scale systems
Broadcom PEX9700 switches allow customers to build high performance, low
latency, scalable, cost-effective PCI Express-based fabrics. The switches enable
I/O sharing with standard SR-IOV or multifunction capability, allowing multiple
hosts or Nodes to reside on a single PCIe-based network. Hosts communicate
through Tunneled Window Connection (TWC), a special low latency host-to-
host communication capability for short packets.
Shared I/O Using Standards
PEX9700 switches allow the Virtual Functions (VFs) of SRIOV endpoints
(such as an Broadcom MegaRAID® SAS controller) to be shared and
assigned to multiple hosts concurrently. Each host can enumerate its
assigned functions using standard BIOS and OS software and use them with
unmodified vendor-supplied drivers. The use of standard system software
minimizes software support costs.
Software-Defined Fabric
The switches are built on a hybrid hardware/software platform that offers high
configurability and flexibility in regards to the number of hosts, end-points,
and PCIe slots. The critical pathways have direct hardware support, enabling
the fabric to offer non-blocking, line speed performance with features such
as I/O sharing. The solution is completed by management processor that
communicates with platform management via API and/or CLI. The solution
offers an innovative approach to setup and control, making use of an off-
chip management CPU (mCPU) to initialize the PEX9700 switch, configure
the routing tables, handle errors, Hot-Plug events, and enable the solution to
extend the capabilities without modifying the system software.
Tunneled Window Connection (TWC)
TWC allows short messages to be sent from one host to another in a very low
latency manner, and without the overhead associated with DMA.
Managed PCI Express Switches Based on
ExpressFabric® Technology
PEX9700 Series Switch Chips


Similar Part No. - PEX9700

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX9700 AVAGO-PEX9700 Datasheet
471Kb / 3P
Managed PCI Express Switches Based on ExpressFabric Technology
More results

Similar Description - PEX9700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
PCI Express
logo
Maxim Integrated Produc...
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
logo
NXP Semiconductors
SAA7160E NXP-SAA7160E Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160ETV2 NXP-SAA7160ETV2 Datasheet
246Kb / 57P
PCI Express based audio and video bridge
Rev. 01-25 February 2008
logo
AVAGO TECHNOLOGIES LIMI...
PEX9797 AVAGO-PEX9797 Datasheet
471Kb / 3P
Managed PCI Express Switches Based on ExpressFabric
PEX9700 AVAGO-PEX9700 Datasheet
471Kb / 3P
Managed PCI Express Switches Based on ExpressFabric Technology
logo
Silicom Ltd.
FB1C1XLGA10 SILICOM-FB1C1XLGA10 Datasheet
703Kb / 5P
Programmable PCI Express Server Adapter Based on Intel FPGA Arria 10 GX/GT
FB2CGA10T11 SILICOM-FB2CGA10T11 Datasheet
229Kb / 2P
Programmable PCI Express Server Adapter Intel FPGA based
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
Based on digital Memosens technology
2021-12-31
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com