Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8376ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8376ACPZ-R7
Description  Ultralow Distortion IF Dual VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8376ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8376ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
AD8376
Rev. B | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, RS = RL = 150 Ω, 2 V p-p output, maximum gain unless otherwise noted.
25
20
10
15
5
0
–10
–5
–4
11000
0
10100
5
01111
10
01010
15
00101
20
00000
GAIN CODE
46MHz, +5V
70MHz, +5V
140MHz, +5V
Figure 4. Gain vs. Gain Code at 46 MHz, 70 MHz, and 140 MHz
25
20
15
10
5
0
–5
–10
10
100
1000
FREQUENCY (MHz)
20dB
19dB
18dB
17dB
16dB
15dB
14dB
13dB
12dB
11dB
10dB
9dB
8dB
7dB
6dB
5dB
4dB
3dB
2dB
1dB
0dB
–1dB
–2dB
–3dB
–4dB
Figure 5. Gain vs. Frequency Response
10
9
8
7
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–4
11000
0
10100
5
01111
10
01010
15
00101
20
00000
GAIN CODE
25°C
85°C
–40°C
Figure 6. Gain Error over Temperature at 140 MHz
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–4
11000
0
10100
5
01111
10
01010
15
00101
20
00000
GAIN CODE
Figure 7. Gain Step Error, Frequency 140 MHz
25
20
15
10
5
0
–4
1
6
11
16
21
GAIN (dB)
INPUT MAX
RATING
BOUNDARY
200MHz
140MHz
70MHz
46MHz
Figure 8. P1dB vs. Gain at 46 MHz, 70 MHz, 140 MHz, and 200 MHz
25
20
15
10
5
0
46
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
+25°C
+85°C
–40°C
Figure 9. P1dB vs. Frequency at Maximum Gain, Three Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com