Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMRF1015N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1015N
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1015N Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1015N Datasheet HTML 1Page - NXP Semiconductors MMRF1015N Datasheet HTML 2Page - NXP Semiconductors MMRF1015N Datasheet HTML 3Page - NXP Semiconductors MMRF1015N Datasheet HTML 4Page - NXP Semiconductors MMRF1015N Datasheet HTML 5Page - NXP Semiconductors MMRF1015N Datasheet HTML 6Page - NXP Semiconductors MMRF1015N Datasheet HTML 7Page - NXP Semiconductors MMRF1015N Datasheet HTML 8Page - NXP Semiconductors MMRF1015N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1015NR1 MMRF1015GNR1
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1A
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
III
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =68 Vdc, VGS =0 Vdc)
IDSS
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
1
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
1
Adc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID = 100 Adc)
VGS(th)
1.5
2.3
3
Vdc
Gate Quiescent Voltage
(VDD =28 Vdc, ID = 125 mAdc, Measured in Functional Test)
VGS(Q)
2
3.1
4
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =0.3 Adc)
VDS(on)
0.15
0.27
0.35
Vdc
Dynamic Characteristics
Reverse Transfer Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
0.32
pF
Output Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
10
pF
Input Capacitance
(VDS =28 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
23
pF
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 125 mA, Pout = 10 W PEP, f = 960 MHz, Two--Tone
Test, 100 kHz Tone Spacing
Power Gain
Gps
17.5
18
20.5
dB
Drain Efficiency
D
31
32
%
Intermodulation Distortion
IMD
--37
--33
dBc
Input Return Loss
IRL
--18
--10
dB
Typical Performance (In Freescale 450 MHz Demo Board, 50
hm system) VDD =28 Vdc, IDQ = 150 mA, Pout = 10 W PEP, 420--470 MHz,
Two--Tone Test, 100 kHz Tone Spacing
Power Gain
Gps
20
dB
Drain Efficiency
D
33
%
Intermodulation Distortion
IMD
--40
dBc
Input Return Loss
IRL
--10
dB
1. Measurements made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull wing
(GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com