Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MMRF1305H Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF1305H
Description  RF Power LDMOS Transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1305H Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF1305H Datasheet HTML 3Page - NXP Semiconductors MMRF1305H Datasheet HTML 4Page - NXP Semiconductors MMRF1305H Datasheet HTML 5Page - NXP Semiconductors MMRF1305H Datasheet HTML 6Page - NXP Semiconductors MMRF1305H Datasheet HTML 7Page - NXP Semiconductors MMRF1305H Datasheet HTML 8Page - NXP Semiconductors MMRF1305H Datasheet HTML 9Page - NXP Semiconductors MMRF1305H Datasheet HTML 10Page - NXP Semiconductors MMRF1305H Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
MMRF1305HR5 MMRF1305HSR5
7
RF Device Data
Freescale Semiconductor, Inc.
512 MHz NARROWBAND PRODUCTION TEST FIXTURE
VDD =50 Vdc,IDQ(A+B) = 100 mA, Pout = 100 W Peak
f
MHz
Zsource
Zload
512
1.50 + j8.90
12.2 + j18.0
Zsource = Test circuit impedance as measured from
gate to gate, balanced configuration.
Zload = Test circuit impedance as measured from
drain to drain, balanced configuration.
Figure 10. Narrowband Series Equivalent Source and Load Impedance — 512 MHz
Input
Matching
Network
Device
Under
Test
Output
Matching
Network
--
--
+
+
Zsource
Zload
50 
50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com