Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OCXOWST Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # OCXOWST
Description  Stratum 3 Compliant 3.3V OCXO with CMOS Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

OCXOWST Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  OCXOWST_18 Datasheet HTML 1Page - Golledge Electronics Ltd OCXOWST_18 Datasheet HTML 2Page - Golledge Electronics Ltd OCXOWST_18 Datasheet HTML 3Page - Golledge Electronics Ltd OCXOWST_18 Datasheet HTML 4Page - Golledge Electronics Ltd OCXOWST_18 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OCXOWST 2/5
v1.0
Frequency range
10.0kHz ~ 54.0MHz
Dimensions
20.1 x 12.5 x 8.0mm
Frequency stability ±4.6ppm max overall
(Including 15 years ageing)
±0.1ppm max vs V
±10ppb max vs load ±10%
Short term
stability
5x10 , t 0.1 to 30s
5x10 typ at 1s
Holdover stability
(24hrs)
±0.28ppm max (0.56ppm p-p)
( Incl load, supply and temp variation)
Internal calibration ±1.0ppm max
Storage
temperature range
-55 to +125°C
Output waveform
CMOS compatible
‘0’=+0.4V max, ‘1’=V -0.5V min
45:55 max
Rise / fall times 7ns max (no load)
Load
3pF min, 47pF max
Start up time
5ms max
Supply voltage
(V )
+3.3V (±0.15V)
Input current
120mA max @ +25°C
170mA max @ -20°C
Warm up time
(secs)
30s to current 250mA max @ 25°C
120s to within ±0.1ppm @ 25°C
Phase noise (typ
@ 10MHz)
-100dBc/Hz @ 10Hz
-130dBc/Hz @ 100Hz
-140dBc/Hz @ 1kHz
-145dBc/Hz @ 10kHz
Shock & vibration
5,000g, 0.3ms ½-sine
10.0 ~ 2,000Hz, 20g
SPECIFICATIONS
DD
-10
-11
DD
DD
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com