Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M69AW024B Datasheet(PDF) 10 Page - STMicroelectronics

Part # M69AW024B
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M69AW024B Datasheet HTML 6Page - STMicroelectronics M69AW024B Datasheet HTML 7Page - STMicroelectronics M69AW024B Datasheet HTML 8Page - STMicroelectronics M69AW024B Datasheet HTML 9Page - STMicroelectronics M69AW024B Datasheet HTML 10Page - STMicroelectronics M69AW024B Datasheet HTML 11Page - STMicroelectronics M69AW024B Datasheet HTML 12Page - STMicroelectronics M69AW024B Datasheet HTML 13Page - STMicroelectronics M69AW024B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
M69AW024B
10/29
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings table may cause per-
manent damage to the device. Exposure to Abso-
lute Maximum Rating conditions for extended
periods may affect device reliability. These are
stress ratings only and operation of the device at
these or any other conditions above those indicat-
ed in the Operating sections of this specification is
not implied.
Table 3. Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
IO
Output Current
–50
50
mA
TA
Ambient Operating Temperature
–30
85
°C
TSTG
Storage Temperature
–55
125
°C
VCC
Core Supply Voltage
–0.5
3.6
V
VIO
Input or Output Voltage
–0.5
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com