Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LM4665LD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4665LD
Description  Filterless High Efficiency 1W Switching Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4665LD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM4665LD Datasheet HTML 1Page - National Semiconductor (TI) LM4665LD Datasheet HTML 2Page - National Semiconductor (TI) LM4665LD Datasheet HTML 3Page - National Semiconductor (TI) LM4665LD Datasheet HTML 4Page - National Semiconductor (TI) LM4665LD Datasheet HTML 5Page - National Semiconductor (TI) LM4665LD Datasheet HTML 6Page - National Semiconductor (TI) LM4665LD Datasheet HTML 7Page - National Semiconductor (TI) LM4665LD Datasheet HTML 8Page - National Semiconductor (TI) LM4665LD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
Mini Small Outline (MSOP) Package
9 Bump micro SMD Package
20027023
Top View
Order Number LM4665MM
See NS Package Number MUB10A
20027036
Top View
Order Number LM4665ITL, LM4665ITLX
See NS Package Number TLA09AAA
LLP Package
MSOP Marking
200270D0
Top View
Order Number LM4665LD
See NS Package Number LDA10B
200270C5
Top View
G - Boomer Family
C5 - LM4665MM
micro SMD Marking
200270C6
Top View
X - Date Code
T- Die Traceability
G - Boomer Family
A2 - LM4665ITL
200270C9
Top View
Z - Plant Code
XY - Date Code
TT- Die Traceability
Bottom Line-Part Number
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com