Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C14036 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C14036
Description  Basepart for reflectors and lenses with A-type interface.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C14036 Datasheet(HTML) 1 Page - Ledil, Inc.

  C14036 Datasheet HTML 1Page - Ledil, Inc. C14036 Datasheet HTML 2Page - Ledil, Inc. C14036 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C14036_CLAMP_CXA25-30
CLAMP_CXA25-30
Basepart for reflectors and lenses with A-type
interface. Compatible with CREE CXA/B25xx
and CXA/B30xx.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 50 mm
Height
9.3 mm
Fastening
screw
Colour
white
Box size
380 x 280 x 270 mm
Box weight
5.1 kg
Quantity in Box
240 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
CLAMP_CXA25-30
Base part
PC
white
Last update: 04/05/2018
Subject to change without prior notice
1/3
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - C14036

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14031 LEDIL-C14031 Datasheet
691Kb / 13P
Strada Lens
C14037 LEDIL-C14037 Datasheet
6Mb / 3P
Socket with press fit interface
More results

Similar Description - C14036

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12153 LEDIL-C12153 Datasheet
4Mb / 3P
Basepart for LENA and LENINA reflectors
C13395 LEDIL-C13395 Datasheet
5Mb / 3P
Basepart for reflectors and lenses with A-type interface
C13397 LEDIL-C13397 Datasheet
5Mb / 3P
Basepart for reflectors and lenses with A-type interface
C13399 LEDIL-C13399 Datasheet
5Mb / 3P
Basepart for reflectors and lenses with A-type interface
C13584 LEDIL-C13584 Datasheet
4Mb / 3P
Basepart for reflectors and lenses with A-type interface
C13658 LEDIL-C13658 Datasheet
5Mb / 3P
Basepart for reflectors and lenses with A-type interface
C16140 LEDIL-C16140 Datasheet
3Mb / 3P
Basepart for reflectors and lenses
C16402 LEDIL-C16402 Datasheet
3Mb / 3P
Basepart for reflectors and lenses with A-type interface
C13186 LEDIL-C13186 Datasheet
2Mb / 3P
Basepart for LENA and LENINA reflectors.
C14123 LEDIL-C14123 Datasheet
1Mb / 3P
Basepart for reflectors and lenses with A-type interface
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com