Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KC3225L-P2 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC3225L-P2
Description  Clock Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC3225L-P2 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC3225L-P2 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LV-PECL/ 3.3V or 2.5V/ 3.2×2.5mm
RoHS Compliant
Features
• Miniature ceramic package
• Highly reliable with seam welding
• LV-PECL output
• Supply voltage VCC=3.3V, 2.5V
• ±25×10
−6 available
• Low Phase Noise
Table 1
Freq. Tol.
Operating
Temperature
Range (°C)
Note
Code × 10
−6
0
± 50
0 to +70
Standard speciications
S
± 30
Please contact
us for available
frequencies.
U
± 25
F
±100
−40 to +85
G
± 50
6
± 50 −40 to +105
How to Order
KC3225L 125.000 P
□ □ J 00
③④⑤⑥ ⑦
① Series
② Output Frequency
③ Output Type (LV-PECL)
④ Supply Voltage (3 : 3.3V or 2 : 2.5V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ INH Function
J : 45/ 55%, Stand-by
⑦ Individual Speciication
(STD Speciication is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
Dimensions
(Unit: mm)
Recommended Land Pattern
(Unit: mm)
Plating: Ni Au
Tolerance: 0.2
INH Function
Pad1
Pad4/ Pad5 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
Pad Connections
#1 INH
#2 NC
#3 Case GND
#4 Output
#5 Complementary Output
#6 VCC
3.2
0.65
0.65
0.625
0.625 0.65
Note: A Capacitor of Value 0.01F and 10F
between Vcc and GND is recommended.
1.6
0.8
0.8
0.75
Specifications
Item
Symbol
Conditions
Specifications
Units
KC3225L-P2
KC3225L-P3
Output Frequency RangeNote1
fo
25 to 175
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating temperature range,
Rated power supply voltage change, Load
change, Aging (1 year @25°C), Shock and vibra-
tion
±50/ −40 to +105°C
ppm
±100/ −40 to +85°C
±50/ −40 to +85°C
±50/ 0 to +70°C
±30/ 0 to +70°C
±25/ 0 to +70°C
Storage Temperature Range
T_stg
−55 to +125
°C
Operating Temperature Range
T_use
Standard Speciications
0 to +70/ −40 to +85
°C
Extend (Option)
−40 to +105
Max. Supply Voltage
−0.5 to +5.0
V
Supply Voltage
VCC
+2.375 to +2.625
+2.97 to +3.63
V
Current Consumption
ICC
≤156.25MHz
60 max.
mA
156.25MHz<
70 max.
Stand-by Current
I_std
20 max.
A
Symmetry
SYM
50ohm @crossing point
50±5%
Rise/ Fall Time
(20% VCC to 80% VCC Maximum
Loaded)
tr/ tf
50ohm
0.6 max.
ns
Low Level Output VoltageNote2
VOL
Vcc−1.810 to Vcc−1.620
V
High Level Output VoltageNote2
VOH
Vcc−1.025 to Vcc−0.880
V
Output Load
RL
50
ohm
Input Voltage Range
VIN
0 to VCC
Low Level Input Voltage
VIL
30% VCC max.
V
High Level Input Voltage
VIH
70% VCC min.
V
Disable Time
t_dis
150 max.
ns
Enable Time
t_ena
10 max.
ms
Start-up Time
t_str
@Minimum operating voltage to be 0 sec.
10 max.
ms
Deterministic Jitter
DJ
Measured with Wavecrest SIA-3000
2 max.
ps
1 Sigma Jitter
JSigma
4 max.
ps
Peak to Peak Jitter
JPK-PK
30 max.
ps
Phase Jitter
JPhase
@156.25MHz
VCC=3.3V
BW : 12kHz to 20MHz
0.3max.
ps
Phase Noise
@156.25MHz
VCC=3.3V
@10Hz offset
Typ. −77
dBc/ Hz
@100Hz offset
Typ. −103
@1kHz offset
Typ. −133
@10kHz offset
Typ. −143
@100kHz offset
Typ. −149
@1MHz offset
Typ. −149
@10MHz offset
Typ. −154
Note : All electrical characteristics are defined at the maximum load and operating temperature range.
Note1: Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
 Note2: DC characteristic
Clock Oscillators Surface Mount Type
KC3225L-P2/ KC3225L-P3 Series


Similar Part No. - KC3225L-P2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC3225L-H2 KSS-KC3225L-H2 Datasheet
89Kb / 1P
Clock Oscillators
KC3225L-L2 KSS-KC3225L-L2 Datasheet
88Kb / 1P
Clock Oscillators
More results

Similar Description - KC3225L-P2

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1100HS ACT-ACT1100HS Datasheet
148Kb / 2P
Clock Oscillators
3/4/6
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1_18 Datasheet
64Kb / 1P
Clock Oscillators
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032L-H2 KSS-KC5032L-H2 Datasheet
82Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com