Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KC7050G-P3 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC7050G-P3
Description  Clock Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC7050G-P3 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC7050G-P3_18 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• High frequency to 900MHz
• Dual frequency selectable
• LV-PECL output
• Miniature ceramic package
• Highly reliable with seam welding
• for WDM, Networking Applications
Table 1
Freq. Tol.
Operating
Temperature
Range (
°C)
Note
Code
× 10
−6
G
±50 −40 to +85
Please contact
us for available
frequencies.
How to Order
KC7050G 622A644 P 3 G D 00
③④⑤⑥ ⑦
① Series
② Output Frequency/ Selection Frequency
③ Output Type (LV-PECL)
④ Supply Voltage (3.3V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ INH Function
(45/ 55%, Disable)
⑦ Individual Speci cation
(STD Speci cation is “00”)
  Packaging (Tape & Reel 1000 pcs./ reel)
Dimensions
(Unit: mm)
Recommended Land Pattern
(Unit: mm)
7.0
1.4
0.6
2.54
2.54
#3
#1
#6
#4
#2
#5
Plating: Ni Au
Tolerance: 0.2
Frequency Select Function
Pad2
Pad4/ Pad5 (Output)
Open
Primary Freq.
"H" Level
Primary Freq.
"L" Level
Secondly Freq.
INH Function
Pad1
Pad4/ Pad5 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
Pad Connections
#1 INH
#2 Frequency Select
#3 Case GND
#4 Output
#5 Complementary Output
#6 VCC
5.08
1.6
2.54
Note: A capacitor of value 0.01 F and 10 F
between VCC and GND is recommended.
LV-PECL/ 3.3V/ 7.0
×5.0mm
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency RangeNote1
f1
Primary Output/ #2 “H”−Level or Open
10
900
MHz
f2
Secondary Output/ #2 “L”-Level
10
900
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating
temperature range, Rated
power supply voltage change,
Load change, Aging (1 year
@25
°C), Shock and vibration
Op. Temp.:
−40 to +85°C
−50
+50
×10
6
Storage Temperature Range
T_stg
−55
+125
°C
Operating Temperature Range
T_use
−40
+85
°C
Max. Supply Voltage
−0.5
+4.2
V
Supply Voltage
VCC
+2.97
+3.63
V
Current Consumption
ICC
100
mA
Symmetry
SYM
50ohm @crossing point
45
55
%
Rise/ Fall Time
(20% to 80% Output Level)
tr/ tf
50ohm
0.4
ns
Low Level Output VoltageNote2
VOL
—VCC
−1.620
V
High Level Output VoltageNote2
VOH
VCC
−1.025
V
Output Load
LV-PECL Output
50
ohm
Low Level Input Voltage
VIL
30% VCC
V
High Level Input Voltage
VIH
70% VCC
—V
Start-up Time
t_str
@Minimum operating voltage to be 0 sec.
10
ms
Phase Jitter
JPhase
@622.08MHz
BW : 12kHz to 20MHz
Typ. 3.0
ps
Phase Noise
@622.08MHz
@10Hz offset
Typ. −40
dBc/ Hz
@100Hz offset
Typ. −70
@1kHz offset
Typ. −95
@10kHz offset
Typ. −105
@100kHz offset
Typ. −105
@1MHz offset
Typ. −125
@10MHz offset
Typ. −135
Note : All electrical characteristics are defined at the maximum load and operating temperature range.
Note1: Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Note2: DC characteristic
RoHS Compliant
Clock Oscillators Surface Mount Type
KC7050G-P3 Series Dual Selectable
As of March 2018


Similar Part No. - KC7050G-P3_18

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC7050G-P3 KSS-KC7050G-P3 Datasheet
144Kb / 1P
LV-PECL/ 3.3V/ 7.0횞5.0mm
More results

Similar Description - KC7050G-P3_18

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT1100HS ACT-ACT1100HS Datasheet
148Kb / 2P
Clock Oscillators
3/4/6
logo
Oscilent Corporation
320 OSCILENT-320 Datasheet
143Kb / 3P
Clock Oscillators
330 OSCILENT-330 Datasheet
140Kb / 3P
Clock Oscillators
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1_18 Datasheet
64Kb / 1P
Clock Oscillators
KC2520M KSS-KC2520M_18 Datasheet
63Kb / 1P
Clock Oscillators
KC3225A-C3 KSS-KC3225A-C3_18 Datasheet
63Kb / 1P
Clock Oscillators
KC5032L-H2 KSS-KC5032L-H2 Datasheet
82Kb / 1P
Clock Oscillators
KC5032P-L2 KSS-KC5032P-L2_18 Datasheet
66Kb / 1P
Clock Oscillators
KC7050A-C3 KSS-KC7050A-C3_18 Datasheet
65Kb / 1P
Clock Oscillators
KC7050R-P3 KSS-KC7050R-P3_18 Datasheet
63Kb / 1P
Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com