Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STC08DE150 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC08DE150
Description  HYBRID EMITTER SWITCHED BIPOLAR TRANSISTOR ESBT 1500 V - 8 A - 0.075 OHM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08DE150 Datasheet(HTML) 2 Page - STMicroelectronics

  STC08DE150 Datasheet HTML 1Page - STMicroelectronics STC08DE150 Datasheet HTML 2Page - STMicroelectronics STC08DE150 Datasheet HTML 3Page - STMicroelectronics STC08DE150 Datasheet HTML 4Page - STMicroelectronics STC08DE150 Datasheet HTML 5Page - STMicroelectronics STC08DE150 Datasheet HTML 6Page - STMicroelectronics STC08DE150 Datasheet HTML 7Page - STMicroelectronics STC08DE150 Datasheet HTML 8Page - STMicroelectronics STC08DE150 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STC08DE150
2/9
Table 3: Absolute Maximum Ratings
Table 4: Thermal Data
Table 5: Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
Symbol
Parameter
Value
Unit
VCS(SS)
Collector-Source Voltage (VBS = VGS = 0 V)
1500
V
VBS(OS)
Base-Source Voltage (IC= 0, VGS = 0 V)
30
V
VSB(OS)
Source-Base Voltage (IC= 0, VGS = 0 V)
9V
VGS
Gate-Source Voltage
± 20
V
IC
Collector Current
8A
ICM
Collector Peak Current (tp < 5ms)
15
A
IB
Base Current
4A
IBM
Base Peak Current (tp < 1ms)
8A
Ptot
Total Dissipation at TC = 25 oC
155
W
Tstg
Storage Temperature
-65 to 125
°C
TJ
Max. Operating Junction Temperature
125
°C
Symbol
Parameter
Unit
Rthj-case
Thermal Resistance Junction-Case
Max
0.64
oC/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICS(SS) Collector-Source Current
(VBS = VGS = 0 V)
VCS(SS) = 1500 V
100
mA
IBS(OS) Base-Source Current
(IC = 0 , VGS = 0 V)
VBS(OS) = 30 V
10
mA
ISB(OS) Source-Base Current
(IC = 0 , VGS = 0 V)
VSB(OS) = 9 V
100
mA
IGS(OS) Gate-Source Leakage
(VBS = 0 V)
VGS = ± 20 V
500
nA
VCS(ON) Collector-Source ON
Voltage
VGS = 10 V IC = 8 A
IB = 1.6 A
VGS = 10 V IC = 5 A
IB = 0.5 A
0.6
0.6
1.4
V
V
hFE
DC Current Gain
IC = 8 A
VCS = 1 V
VGS = 10 V
IC = 5 A
VCS = 1 V
VGS = 10 V
4.5
8
7.5
10
VBS(ON) Base-Source ON Voltage
VGS = 10 V IC = 8 A
IB = 1.6 A
VGS = 10 V IC = 5 A
IB = 0.5 A
1.5
1
2V
V
VGS(th) Gate Threshold Voltage
VBS = VGS
IB = 250 mA1.5
2.2
3
V
Ciss
Input Capacitance
VCS = 25 V f = 1 MHz
VGS = VCB =0
750
pF
QGS(tot) Gate-Source Charge
IC = 8 A
VGS = 10 V
VCS = 25 V
VCB = 0
12.5
nC
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
VGS = 10 V
RG = 47 W
VClamp = 1200 V
tp = 4 ms
IC = 5 A
IB = 0.5 A
526
8.5
ns
ns
VCSW Maximum Collector-Source
Voltage Switched Without
Snubber
RG = 47 W
hFE = 5 A
IC = 8 A
15
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com