Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1067294 Datasheet(PDF) 5 Page - SICK AG

Part # 1067294
Description  COLOR SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1067294 Datasheet(HTML) 5 Page - SICK AG

  1067294 Datasheet HTML 1Page - SICK AG 1067294 Datasheet HTML 2Page - SICK AG 1067294 Datasheet HTML 3Page - SICK AG 1067294 Datasheet HTML 4Page - SICK AG 1067294 Datasheet HTML 5Page - SICK AG 1067294 Datasheet HTML 6Page - SICK AG 1067294 Datasheet HTML 7Page - SICK AG 1067294 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CSM-WP117A2P | CSM
COLOR SENSORS
Adjustments
1
2
3
①  Status indicator LED, yellow: Status switching output Q
②  LED indicator green: Supply voltage active
③  Teach-in button
Connection diagram
Cd-309
+ (L+)
- (M)
1
2
3
Q/C
4
WH
BU
BN
BK
Q
Concept of operation
Setting the switching threshold
Position object in light field.
Press teach-in button > 1 s.
1. Trigger teach-in
2. Select color tolerance
Press teach-in button when
transmitted light is green
= tolerance medium
(standard setting).
Press teach-in button when
transmitted light is blue
= tolerance precise.
Press teach-in button when
transmitted light is red
= tolerance coarse.
Teach-in can also be performed using an external control signal (only dynamic teach-in).
Keylock activation and deactivation: hold down teach-in button > 30 s.
Teach-in failure: yellow LED indicator and the transmitted light of the sensor flashing quickly.
2018-07-24 16:32:19 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com