Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8774 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8774
Description  12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8774 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8774 Datasheet HTML 14Page - Monolithic Power Systems MP8774 Datasheet HTML 15Page - Monolithic Power Systems MP8774 Datasheet HTML 16Page - Monolithic Power Systems MP8774 Datasheet HTML 17Page - Monolithic Power Systems MP8774 Datasheet HTML 18Page - Monolithic Power Systems MP8774 Datasheet HTML 19Page - Monolithic Power Systems MP8774 Datasheet HTML 20Page - Monolithic Power Systems MP8774 Datasheet HTML 21Page - Monolithic Power Systems MP8774 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
MP8774
– 18V, 12A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8774 Rev. 1.0
www.MonolithicPower.com
18
1/15/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
An external resistor divider is used to set the
output voltage. First, choose a value for R2. R2
should be chosen reasonably, since a small R2
leads to considerable quiescent current loss,
while a large R2 makes FB noise-sensitive. R2
is recommended to between 2 -
100kΩ.
Typically, set the current through R2 to be
below 250µA for a good balance between
system
stability
and
no-load
loss.
Then
determine R1 with Equation (3):
OUT
REF
REF
VV
R1
R2
V

(3)
The feedback circuit is shown in Figure 7.
MP8774
FB
R1
R2
VOUT
Rt
Cf
Figure 7: Feedback Network
Table 1 lists the recommended resistor values
for common output voltages.
Table 1: Resistor Selection for Common Output
Voltages
VOUT
(V)
R1
(kΩ)
R2
(kΩ)
L
(μH)
Cf
(pF)
Rt
(kΩ)
1.0
20
30
0.56
56
1
1.2
20
20
0.56
56
1
1.5
20
13
0.56
56
1
1.8
20
10
0.82
56
1
2.5
20
6.34
0.82
56
1
3.3
20
4.42
1
56
1
5
20
2.7
1.2
56
1
Selecting the Inductor
An inductor is necessary for supplying constant
current to the output load while being driven by
the switched input voltage. A larger-value
inductor results in less ripple current and a
lower output ripple voltage but also has a larger
physical footprint, higher series resistance, and
lower saturation current. A good rule for
determining the inductance value is to design
the peak-to-peak ripple current in the inductor
to be in the range of 30 - 40% of the maximum
output current, and ensure that the peak
inductor current is below the maximum switch
current limit. The inductance value can be
calculated with Equation (4):
OUT
OUT
SW
L
IN
VV
L
(1
)
F
I
V
 

(4)
Where
∆IL is the peak-to-peak inductor ripple
current.
The inductor should not saturate under the
maximum inductor peak current, where the
peak inductor current can be calculated with
Equation (5):
OUT
OUT
LP
OUT
SW
IN
VV
I
I
(1
)
2F
L
V
 
(5)
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous
and
therefore
requires
a
capacitor to supply AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. For the best performance, use ceramic
capacitors placed as close to VIN as possible.
Capacitors
with
X5R
and
X7R
ceramic
dielectrics are recommended because they are
fairly stable with temperature fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (6):
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(6)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (7):
OUT
CIN
I
I
2
(7)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitance value determines the
input voltage ripple of the converter. If there is
an input voltage ripple requirement in the
system, choose an input capacitor that meets
the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com