Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CA11427 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # CA11427
Description  Mini reflector with ~70째 wide beam optimized for Nichia 19
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11427 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11427 Datasheet HTML 1Page - Ledil, Inc. CA11427 Datasheet HTML 2Page - Ledil, Inc. CA11427 Datasheet HTML 3Page - Ledil, Inc. CA11427 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11427_LAURA-R-W
LAURA-R-W
Mini reflector with ~70° wide beam optimized for
Nichia 19. Assembly with white holder and
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 x 21.6 mm
Height
12.9 mm
Fastening
tape
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1440 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LAURA-R-W
Reflector
PC
metal
LAURA-HLD-N19-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
black
Last update: 14/06/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA11427

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
Tina series
logo
Ledil, Inc.
CA11420 LEDIL-CA11420 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E.
logo
Cree, Inc
CA11420-TINA2-D CREE-CA11420-TINA2-D Datasheet
794Kb / 12P
Tina2 series
logo
Ledil, Inc.
CA11420 LEDIL-CA11420_18 Datasheet
3Mb / 5P
~16째 diffused spot beam optimized for CREE XP-E.
logo
Cree, Inc
CA11426 CREE-CA11426 Datasheet
1Mb / 19P
Strada series
More results

Similar Description - CA11427

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11022 LEDIL-CA11022 Datasheet
3Mb / 4P
~45째 wide beam optimized for Nichia NCSxx19.
CA11974 LEDIL-CA11974 Datasheet
2Mb / 5P
~8째 spot beam optimized for Nichia 19.
CA11976 LEDIL-CA11976 Datasheet
4Mb / 5P
~30째 medium beam optimized for Nichia 19.
CA11978 LEDIL-CA11978 Datasheet
2Mb / 4P
~65째 wide beam optimized for Nichia 19.
CA12570 LEDIL-CA12570 Datasheet
2Mb / 4P
~40째 wide beam optimized for Nichia 19
CA12982 LEDIL-CA12982 Datasheet
2Mb / 4P
Mini reflector with ~70째 wide beam optimized for CREE XP-E
CX11524 LEDIL-CX11524 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
CX12983 LEDIL-CX12983 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
CA12240 LEDIL-CA12240 Datasheet
1Mb / 4P
~70째 wide beam optimized for CREE MT-G.
FA11904 LEDIL-FA11904 Datasheet
2Mb / 8P
~70째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com