Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFM906N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # AFM906N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFM906N Datasheet(HTML) 2 Page - NXP Semiconductors

  AFM906N Datasheet HTML 1Page - NXP Semiconductors AFM906N Datasheet HTML 2Page - NXP Semiconductors AFM906N Datasheet HTML 3Page - NXP Semiconductors AFM906N Datasheet HTML 4Page - NXP Semiconductors AFM906N Datasheet HTML 5Page - NXP Semiconductors AFM906N Datasheet HTML 6Page - NXP Semiconductors AFM906N Datasheet HTML 7Page - NXP Semiconductors AFM906N Datasheet HTML 8Page - NXP Semiconductors AFM906N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
RF Device Data
NXP Semiconductors
AFM906N
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDSS
--0.5, +30
Vdc
Gate--Source Voltage
VGS
--6.0, +12
Vdc
Operating Voltage
VDD
7.5, +0
Vdc
Storage Temperature Range
Tstg
--65 to +150
C
Case Operating Temperature Range
TC
--40 to +150
C
Operating Junction Temperature Range (1,2)
TJ
--40 to +150
C
Total Device Dissipation @ TC =25C
Derate above 25C
PD
65.8
0.53
W
W/C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
Case Temperature 78C, 6 W CW, 7.5 Vdc, IDQ = 100 mA, 520 MHz
RJC
1.9
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1C, passes 1000 V
Machine Model (per EIA/JESD22--A115)
A, passes 50 V
Charge Device Model (per JESD22--C101)
IV, passes 2000 V
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =30 Vdc, VGS =0 Vdc)
IDSS
2
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =7.5 Vdc, VGS =0 Vdc)
IDSS
1
Adc
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
500
nAdc
On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =78 Adc)
VGS(th)
1.8
2.15
2.6
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID =0.78 Adc)
VDS(on)
0.11
Vdc
Forward Transconductance
(VDS =7.5 Vdc, ID =4.7 Adc)
gfs
4.4
S
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.nxp.com/RF/calculators.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.nxp.com/RF and search for AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com