Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UNR2224 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNR2224
Description  Silicon NPN epitaxial planar type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR2224 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNR2224 Datasheet HTML 1Page - Panasonic Semiconductor UNR2224 Datasheet HTML 2Page - Panasonic Semiconductor UNR2224 Datasheet HTML 3Page - Panasonic Semiconductor UNR2224 Datasheet HTML 4Page - Panasonic Semiconductor UNR2224 Datasheet HTML 5Page - Panasonic Semiconductor UNR2224 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Transistors with built-in Resistor
1
Publication date: December 2003
SJH00012CED
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 10 µA, I
E
= 050
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 50 V, IE = 01
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 50 V, I
B
= 01
µA
Emitter-base
UNR2221
IEBO
VEB = 6 V, IC = 05
mA
cutoff current UNR2222
2
(Collector open) UNR2223/2224
1
Forward current UNR2221
hFE
VCE = 10 V, IC = 100 mA
40
transfer ratio
UNR2222
50
UNR2223/2224
60
Collector-emitter saturation voltage
VCE(sat)
IC = 10 mA, IB = 5 mA
0.25
V
Output voltage high-level
VOH
VCC = 5 V, VB = 0.5 V, RL = 500 Ω
4.9
V
Output voltage low-level
VOL
VCC
= 5 V, V
B
= 3.5 V, R
L
= 500 Ω
0.2
V
UNR222x Series (UN222x Series)
Silicon NPN epitaxial planar type
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
• Mini type package allowing easy automatic insertion through tape
packing and magazine packing
■ Resistance by Part Number
Marking Symbol (R1)(R2)
• UNR2221 (UN2221)
9A
2.2 k
2.2 k
• UNR2222 (UN2222)
9B
4.7 k
4.7 k
• UNR2223 (UN2223)
9C
10 k
10 k
• UNR2224 (UN2224)
9D
2.2 k
10 k
■ Absolute Maximum Ratings T
a
= 25°C
Unit: mm
■ Electrical Characteristics T
a
= 25°C ± 3°C
Internal Connection
Note) The part numbers in the parenthesis show conventional part number.
B
R1
R2
C
E
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
500
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini3-G1 Package
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚


Similar Part No. - UNR2224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
Silicon NPN epitaxial planar type
UNR2226 PANASONIC-UNR2226 Datasheet
133Kb / 5P
Silicon NPN epitaxial planar type
UNR2227 PANASONIC-UNR2227 Datasheet
133Kb / 5P
Silicon NPN epitaxial planar type
More results

Similar Description - UNR2224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
Silicon NPN epitaxial planar type
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SC5848 PANASONIC-2SC5848 Datasheet
438Kb / 3P
Silicon NPN epitaxial planar type
XN06543 PANASONIC-XN06543 Datasheet
89Kb / 3P
Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
2SC2347 TOSHIBA-2SC2347_03 Datasheet
150Kb / 4P
Silicon NPN Epitaxial Planar Type
2SC2290A TOSHIBA-2SC2290A_07 Datasheet
192Kb / 4P
SILICON NPN EPITAXIAL PLANAR TYPE
logo
Guangdong Kexin Industr...
2SD1824 KEXIN-2SD1824 Datasheet
45Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD814 KEXIN-2SD814 Datasheet
37Kb / 1P
Silicon NPN Epitaxial Planar Type
2SC3125 KEXIN-2SC3125 Datasheet
35Kb / 1P
Silicon NPN Epitaxial Planar Type
2SD1820A KEXIN-2SD1820A Datasheet
46Kb / 1P
Silicon NPN Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com