Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UNR2221 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UNR2221
Description  Silicon NPN epitaxial planar type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR2221 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UNR2221 Datasheet HTML 1Page - Panasonic Semiconductor UNR2221 Datasheet HTML 2Page - Panasonic Semiconductor UNR2221 Datasheet HTML 3Page - Panasonic Semiconductor UNR2221 Datasheet HTML 4Page - Panasonic Semiconductor UNR2221 Datasheet HTML 5Page - Panasonic Semiconductor UNR2221 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UNR222x Series
2
SJH00012CED
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Transition frequency
fT
VCB = 10 V, IE = −50 mA, f = 200 MHz
200
MHz
Input resistance UNR2221/2224
R1
−30%
2.2
+30%
k
UNR2222
4.7
UNR2223
10
Resistance ratio
R1/R2
0.8
1.0
1.2
UNR2224
0.17
0.22
0.27
■ Electrical Characteristics (continued) T
a = 25°C ± 3°C
Common characteristics chart
PT  Ta
Characteristics charts of UNR2221
IC  VCE
VCE(sat)  IC
hFE  IC
0
50
100
150
200
250
0
40
80
120
160
Ambient temperature T
a (°C)
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
IB
= 1.0 mA
0.2 mA
0.1 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
0
012
210
48
6
300
250
200
150
100
50
Ta
= 25°C
Collector-emitter voltage V
CE (V)
0.01
1
0.1
1
10
100
10
100
1 000
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
1
100
200
300
400
10
100
1 000
VCE = 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com