| Electronic Components Datasheet Search |
|
PEX8732 Datasheet(PDF) 3 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
PEX8732 Datasheet(HTML) 3 Page - PLX Technology |
|
3 / 5 page ![]() PEX 8732, PCI Express Gen 3 Switch, 32 Lanes, 12 Ports © PLX Technology, www.plxtech.com Page 3 of 5 10/20/2010, Version 1.0 r1.0a. Additionally, it supports auto-negotiation, lane reversal, and polarity reversal. Furthermore, the PEX ft Vista compliance. All PLX que ance features which allows PLX’s be the highest performing Gen 2 ong ckets from plex, then other downstream ports may ) ts in igher performance in dual- he cated among the ports as needed. Not only does this prevent wasted buffers and fer assignments, any unallocated buffers s grated hardware and software instruments that ystems to market faster. efore has no affect on overall ). SDK, users can view the receiver 8732 is tested for Microso switches undergo thoro g u h interoperability testing in PLX’s Interoperability Lab and compliance testing at the PCI-SIG plug-fest. performancePAK ™ Exclusive to PLX, performancePAK is a suite of uni and innovative perform Gen 2 switches to switches in the market today. The performancePAK features consists of the Read Pacing, Multicast, and Dynamic Buffer Pool. Read Pacing The Read Pacing feature allows users to throttle the amount of read requests being made by downstream devices. When a downstream device requests several l reads back-to-back, the Root Complex gets tied up in serving that downstream port. If that port has a narrow link and is therefore slow in receiving these read pa the Root Com become starved – thus, impacting performance. The Read Pacing feature enhances performances by allowing for the adequate servicing of all downstream devices. Multicast The Multicast feature enables the copying of data (packets from one ingress port to multiple (up to 11) egress por one transaction allowing for h graphics, storage, security, and redundant applications, among others. Multicast relieves the CPU from having to conduct multiple redundant transactions, resulting in higher system performance. Dynamic Buffer Pool The PEX 8732 employs a dynamic buffer pool for Flow Control (FC) management. As opposed to a static buffer scheme which assigns fixed, static buffers to each port, PLX’s dynamic buffer allocation scheme utilizes a common pool of FC Credits which are shared by other ports. This shared buffer pool is fully programmable by t user, so FC credits can be allo inappropriate buf remain in the common buffer pool and can then be used for faster FC credit updates. visionPAK ™ Another PLX exclusive, visionPAK is a debug diagnostic suite of inte users can use to help bring their s visionPAK features consist of Performance Monitoring, SerDes Eye Capture, Error Injection, SerDes Loopback, and more. Performance Monitoring The PEX 8732’s real time performance monitoring allows users to literally “see” ingress and egress performance on each port as traffic passes through the switch using PLX’s Software Development Kit (SDK). The monitoring is completely passive and ther system performance. Internal counters provide extensive granularity down to traffic & packet type and even allows for the filtering of traffic (i.e. count only Memory Writes SerDes Eye Capture Users can evaluate their system’s signal integrity at the physical layer using the PEX 8732’s SerDes Eye Capture feature. Using PLX’s eye of any lane on the switch. Users can then modify SerDes settings and see the impact on the receiver eye. Figure 5 shows a screenshot of the SerDes Eye Capture feature in the SDK. Figure 5. SerDes Eye Capture PCIe Packet Generator The PEX 8732 features a full-fledged PCIe Packet Generator capable of creating programmable PCIe traffic running at up to Gen 3 speeds and capable of saturating a x16 link. Using PLX’s Software Development Kit (www.plxtech.com/sdk), designers can create custom traffic scripts for system bring-up and debug. Fully integrated into the PEX 8732, the Packet Generator proves to be a very convenient on-chip debug tool. Furthermore, the Packet Generator can be used to create PCIe traffic to test and debug other devices on the system. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |