Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFV141KGS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # AFV141KGS
Description  RF Power LDMOS Transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFV141KGS Datasheet(HTML) 5 Page - NXP Semiconductors

  AFV141KGS Datasheet HTML 1Page - NXP Semiconductors AFV141KGS Datasheet HTML 2Page - NXP Semiconductors AFV141KGS Datasheet HTML 3Page - NXP Semiconductors AFV141KGS Datasheet HTML 4Page - NXP Semiconductors AFV141KGS Datasheet HTML 5Page - NXP Semiconductors AFV141KGS Datasheet HTML 6Page - NXP Semiconductors AFV141KGS Datasheet HTML 7Page - NXP Semiconductors AFV141KGS Datasheet HTML 8Page - NXP Semiconductors AFV141KGS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AFV141KH AFV141KHS AFV141KGS
5
RF Device Data
Freescale Semiconductor, Inc.
1400 MHz NARROWBAND PRODUCTION TEST FIXTURE — 4 6 (10.2 cm  15.2 cm)
Figure 4. AFV141KH(HS) Narrowband Test Circuit Component Layout — 1400 MHz
C4
C5
C1
C3
C9
C2
C7
C8
R1
R2
L1
L2
C6
C10
C11
C13
C14
C12
C15
C16
C17
C18*
C19*
C20
C22
C24*
C21
C23
C26
C25
C34
C36
C33
C35
C27*
C28*
C29*
C30*
C31*
C32*
AFV141KH
Rev. 1
D70087
* C18, C19, C24, C27, C28, C29, C30, C31 and C32 are mounted vertically.
COAX1
COAX2
COAX3
COAX4
Table 6. AFV141KH(HS) 1400 MHz Narrowband Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
22
F, 35 V Tantalum Capacitors
T491X226K035AT
Kemet
C3
2.7
pF Chip Capacitor
ATC100B2R7BT500XT
ATC
C4, C5, C9, C10, C13, C14,
C22, C23
27 pF Chip Capacitors
ATC100B270JT500XT
ATC
C6
1.5 pF Chip Capacitor
ATC100B1R5BT500XT
ATC
C7, C8
2.2
F Chip Capacitors
C1825C225J5RACTU
Kemet
C11, C12
0.1
F Chip Capacitors
CDR33BX104AKY9S
AVX
C15
2.2 pF Chip Capacitor
ATC100B2R2BT500XT
ATC
C16, C17
0.7 pF Chip Capacitors
ATC100B0R7BT500XT
ATC
C18
1.5 pF Chip Capacitor
ATC100B1R5BT500XT
ATC
C19
1.2 pF Chip Capacitor
ATC100B1R2BT500XT
ATC
C20, C21
2.2 pF Chip Capacitors
ATC100B2R2BT500XT
ATC
C24
1.5 pF Chip Capacitor
ATC100B1R5BT500XT
ATC
C25, C26
0.01
F Chip Capacitors
C1825C103K1GACTU
Kemet
C27, C28, C29, C30, C31,
C32
27 pF Chip Capacitors
ATC100B270JT500XT
ATC
C33, C34, C35, C36
470
F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
Coax1, Coax2, Coax3, Coax4
35  Semi Rigid Coax 1.454 Shield Length
HSF-141-35-C
Hongsen Cable
L1, L2
17.5 nH, 4 Turn Inductors
GA3095-ALC
Coilcraft
R1, R2
100 , 1 W Chip Resistors
CRCW2512100RFKEG
Vishay
PCB
Arlon AD255A, 0.03, r =2.55
D70087
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com