Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXFN72N55Q2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN72N55Q2
Description  HiPerFET Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN72N55Q2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN72N55Q2 Datasheet HTML 1Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 2Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 3Page - IXYS Corporation IXFN72N55Q2 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFN 72N55Q2
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
Fig. 11. Capacitance
100
1000
10000
100000
0
5
10
15
20
25
30
35
40
V
D S - V olts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
40
80
120
160
200
240
280
Q
G - nanoCoulombs
VDS = 275V
I
D = 36A
I
G = 10mA
Fig. 7. Input Adm ittance
0
10
20
30
40
50
60
70
80
90
100
3.54
4.55
5.56
6.5
7
V
G S - V olts
TJ = 125ºC
25ºC
-40ºC
Fig. 12. Maxim um Transient Therm al
Resistance
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
1
10
100
1000
Pulse Width - milliseconds
Fig. 8. Transconductance
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
120
140
160
I
D - A mperes
TJ = -40ºC
25ºC
125ºC
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0
20
40
60
80
100
120
140
160
180
200
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V
S D - V olts
TJ = 125ºC
TJ = 25ºC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com