Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BF4-RX-14DS-0.5V Datasheet(PDF) 3 Page - Hirose Electric

Part # BF4-RX-14DS-0.5V
Description  Active Optical Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

BF4-RX-14DS-0.5V Datasheet(HTML) 3 Page - Hirose Electric

  BF4-RX-14DS-0.5V Datasheet HTML 1Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 2Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 3Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 4Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 5Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 6Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 7Page - Hirose Electric BF4-RX-14DS-0.5V Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BF4M Series●Active Optical Connector
3
Product Materials
Plug harnesses
Port
Details
Transmitter plug(TX)
Housing
LCP(BF4MC
:White)
Contact
Phosphor bronze (Au plating)
Plate
Phosphor bronze (Ni plating)
VCSEL
GaAs
VCSEL driver
Si(CMOS)
Bonding wire
Au
Sealing resin
Epoxy resin
Heat shrink tubing
Polyolefin(Black)
Receiver plug(RX)
Housing
LCP(BF4MC
:White)
Contact
Phosphor bronze (Au plating)
Plate
Phosphor bronze (Ni plating)
PD
GaAs
TIA/LA
Si(CMOS)
Bonding wire
Au
Sealing resin
Epoxy resin
Heat shrink tubing
Polyolefin(Black)
Optical fiber
Fiber
Silica glass (GI50/80)
Coating
UV curable resin/Thermo plastic resin(
Ø0.5)
Receptacles
Port
Details
Transmitter Receptacle(TX)
and
Receiver Receptacle(RX)
Housing
LCP(Black)
Contact
Phosphor bronze (Au plating)
Shell
Phosphor bronze (Au plating)
Composition of Product Number
Refer to the product number to determine the product specifications.
Plug harness
BF4M C-6G TX RX - B1 - 75MM
❶❷
❸
❹
❺
❻
❶Series
❷Identification of Bit rate
 C-6G : 0.05 to 6.25 Gbps
❸❹Type of plug that attaches to both ends of the
harness
  T X : BF4 Transmitter plug
  RX : BF4 Receiver plug
❺Type of fiber cable
 B1 : diameter Ø0.5, Red
 B2 : diameter Ø0.5, Blue
❻Identification of the length of the fiber cable
*Cable length less than 1m
⇒ The end of the product
name·**MM(Millimeter)
*Cable length 1m or more
⇒ The end of the product
name·**M(Meter)
Receptacle
BF4 - TX - 14 DS - 0.5 V
(01)
❶❷
❸
❹
❺
❻
❼
❶Series
❷Identification of the Transmitter and Receiver
 TX : Transmitter
 RX : Receiver
❸Number of Electrical terminal pin
 14 pin
❹Identification of Socket shape
 Socket(S) of Double line assignment pins(D)
❺Identification of the electric terminal pitch
 0.5mm
❻Identification of the mating method
 V:Vertical mated to the mounting surface
❼Packing specifications
 None:500 pcs/reel
 (01):1000 pcs/reel
 (02):2000 pcs/reel
 (10):10 pcs/pack
 (11):100 pcs/reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com