Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HDH Datasheet(PDF) 2 Page - Hirose Electric

Part # HDH
Description  Couplers with Connectors (H Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HDH Datasheet(HTML) 2 Page - Hirose Electric

  HDH Datasheet HTML 1Page - Hirose Electric HDH Datasheet HTML 2Page - Hirose Electric HDH Datasheet HTML 3Page - Hirose Electric HDH Datasheet HTML 4Page - Hirose Electric HDH Datasheet HTML 5Page - Hirose Electric HDH Datasheet HTML 6Page - Hirose Electric HDH Datasheet HTML 7Page - Hirose Electric HDH Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
15
HDH Series
Couplers with Connectors (H Type)
Series Name : HD (Directional Couplers)
Type of Connector
H : Indicates the HRM (SMA) Series
Center Frequency
008 : 0.75GHz
015 : 1.5GHz
017 : 1.7GHz
020 : 2.0GHz
030 : 3.0GHz
040 : 4.0GHz
090 : 9.0GHz
128 : 12.8GHz
■Specifications
HD H - 008 03 G H D (31)
1
2
3
4
5
6
78
1
2
3
Coupling
03 : 3dB
Frequency Relative Bandwidth
B : From 5% to below 10%
C : From 10% to below 15%
D : From 15% to below 20%
G : From 30% to below 35%
Form
H : H Type
D : With Termination
(31), (40) : RoHS Compliant
4
5
6
7
8
Directivity have had the coupling (nominal value of 3 dB) subtracted.
There is a phase difference of 90°between the output and the coupling.
Frequency
Range
(GHz)
Coupling
(dB)
Frequency
Sensitivity
Directivity
(dB Min)
Primary Line
V.S.W.R.
(Max)
Secondary Line
V.S.W.R.
(Max)
Weight
(g)
Power
(W)
HDH-00803GHD(31)
HDH-01503GH(40)
HDH-01503GHD(31)
HDH-01703CH(40)
HDH-01703CHD(31)
HDH-02003DHD(40)
HDH-03003GHD(31)
HDH-04003BH(40)
HDH-09003GHD(40)
HDH-12803CHD(31)
0.5
∼1.0
1.0
∼2.0
1.0
∼2.0
1.5
∼1.9
1.5
∼1.9
1.7
∼2.3
2.0
∼4.0
3.7
∼4.2
8.0
∼11.0
10.5
∼14.5
3+0.2
3+0.2
3+0.2
3+0.2
3+0.2
3+0.2
3+0.2
3+0.2
3+0.3
3+0.6
±0.5
±0.5
±0.5
±0.3
±0.3
±0.3
±0.5
±0.3
±0.5
±0.5
20
20
20
20
20
18
18
20
15
12
1.15
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.30
1.40
1.15
1.20
1.20
1.20
1.20
1.20
1.20
1.20
1.30
1.40
49
34
34
34
34
34
25
23
31
31
2
50
2
50
2
2
2
50
2
2
0
0
0
0
0
0
0
0
0
0
Part Number
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
■Product Number Structure



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com