Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HIF3B Datasheet(PDF) 10 Page - Hirose Electric

Part # HIF3B
Description  Ribbon Cable connector Compliant with MIL Standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF3B Datasheet(HTML) 10 Page - Hirose Electric

Back Button HIF3B Datasheet HTML 6Page - Hirose Electric HIF3B Datasheet HTML 7Page - Hirose Electric HIF3B Datasheet HTML 8Page - Hirose Electric HIF3B Datasheet HTML 9Page - Hirose Electric HIF3B Datasheet HTML 10Page - Hirose Electric HIF3B Datasheet HTML 11Page - Hirose Electric HIF3B Datasheet HTML 12Page - Hirose Electric HIF3B Datasheet HTML 13Page - Hirose Electric HIF3B Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
B24
HIF3B Series
Ribbon Cable connector Compliant with MIL Standard
■Four Wall Straight Through hole
[Flux Blister Prevention Type]
BPCB mounting pattern
Note1: The number of polarizing slot and key installed positions changes
according to products. Refer to the list as shown below.
■n=number of contacts
Unit:mm
The products marked with
★ comply with MIL standard.
CL No.
Part Number
610-0701-1-71
610-0722-1-71
610-0703-7-71
610-0704-0-71
610-0705-2-71
610-0706-5-71
610-0707-8-71
610-0708-0-71
610-0709-3-71
610-0721-9-71
610-0723-4-71
610-0724-7-71
HIF3CA-10PA-2.54DSA(71)
HIF3CD-10PA-2.54DSA(71)
HIF3CA-16PA-2.54DSA(71)
HIF3CA-20PA-2.54DSA(71)
HIF3CA-26PA-2.54DSA(71)
HIF3CA-30PA-2.54DSA(71)
HIF3CA-34PA-2.54DSA(71)
HIF3CA-40PA-2.54DSA(71)
HIF3CA-50PA-2.54DSA(71)
HIF3CB-50PA-2.54DSA(71)
HIF3CB-60PA-2.54DSA(71)
HIF3CB-64PA-2.54DSA(71)
Number of Contacts
10
10
16
20
26
30
34
40
50
50
60
64
A
32.0
32.0
39.6
44.7
52.3
57.4
62.5
70.1
82.8
82.8
95.5
100.6
B
17.5
17.5
25.1
30.2
37.8
42.9
48.0
55.6
68.3
68.3
81.0
86.1
C
10.16
10.16
17.78
22.86
30.48
35.56
40.64
48.26
60.96
60.96
73.66
78.74
E
21.8
21.8
29.5
34.5
42.2
47.2
52.3
59.9
72.6
72.6
85.3
90.4
27.9
27.9
35.5
40.6
48.3
53.3
58.4
66.0
78.7
78.7
91.4
96.5
F
Polarizing Slot
None
One at center
One on right and left sides, resp.
One at center
Polarizing Key Install RoHS
One on right side
None
One on right and
left sides, resp.
YES
D
28.14
MAX51.1
28.14
MAX51.1
35.74
MAX58.7
40.84
MAX63.8
48.44
MAX71.4
53.54
MAX76.5
58.64
MAX81.6
66.24
MAX89.2
78.94
MAX101.9
78.94
MAX101.9
91.64
MAX114.6
96.74
MAX119.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com