Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1S03 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST1S03
Description  1.5A, 1.5 MHZ ADJUSTABLE, STEP-DOWN SWITCHING REGULATOR IN DFN6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S03 Datasheet(HTML) 4 Page - STMicroelectronics

  ST1S03 Datasheet HTML 1Page - STMicroelectronics ST1S03 Datasheet HTML 2Page - STMicroelectronics ST1S03 Datasheet HTML 3Page - STMicroelectronics ST1S03 Datasheet HTML 4Page - STMicroelectronics ST1S03 Datasheet HTML 5Page - STMicroelectronics ST1S03 Datasheet HTML 6Page - STMicroelectronics ST1S03 Datasheet HTML 7Page - STMicroelectronics ST1S03 Datasheet HTML 8Page - STMicroelectronics ST1S03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ST1S03
4/11
APPLICATION NOTES
The ST1S03 is an adjustable current mode PWM
step-down DC/DC converter with internal 1.5A
power switch, packaged in a 6-lead DFN 3x3.
It’s a complete 1.5A switching regulator with its
internal
compensation
eliminating
additional
component.
The constant frequency, current mode, PWM
architecture and stable operation with ceramic
capacitors results in low, predictable output ripple.
However, in order to keep the output regulated,
the devices goes in pulse skipping mode when a
very light load is required.
To clamp the error amplifier reference voltage a
Soft Start control block generating a voltage ramp,
has been implemented. Besides an On-Chip
Power on Reset of 50 = 100µs ensure the proper
operation when switching on the power supply.
Other circuits fitted to the device protection are the
Thermal Shut down block which turn off the
regulator when the junction temperature exceeds
150°C typically and the Cycle-by-cycle Current
Limiting that provides protection against shorted
outputs.
Being the ST1S03 an adjustable regulator, the
output voltage is determined by an external
resistor divider. The desired value is given by the
following equation:
VOUT = VFB [1+R1/R2]
To make the device working, only other four
external components are required: a Schottky
diode, an inductor and two capacitors. The chosen
inductor must be able to not saturate at the peak
current level. Besides, its value can be selected
keeping in account that a large inductor value
increases the efficiency at low output current and
reduces output voltage ripple, while a smaller
inductor can be chosen when it is important to
reduce the package size and the total cost of the
application.
Finally,
the
ST1S03
has
been
designed to work properly with X5R or X7R SMD
ceramic capacitors both at the input and at the
output. this kind of capacitors, thanks to their very
low series resistance (ESR), minimize the output
voltage ripple. Other low ESR capacitors can be
used according to the need of the application
without invalidating the right functioning of the
device. Due to the high switching frequency and
peak current, it is important to optimize the
application environment reducing the length of the
PCB
traces
and
placing
all
the
external
component near the device.
Figure 3: Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com